Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 224Page - National Semiconductor (TI) CS5535 Datasheet HTML 225Page - National Semiconductor (TI) CS5535 Datasheet HTML 226Page - National Semiconductor (TI) CS5535 Datasheet HTML 227Page - National Semiconductor (TI) CS5535 Datasheet HTML 228Page - National Semiconductor (TI) CS5535 Datasheet HTML 229Page - National Semiconductor (TI) CS5535 Datasheet HTML 230Page - National Semiconductor (TI) CS5535 Datasheet HTML 231Page - National Semiconductor (TI) CS5535 Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 555 page
background image
www.national.com
228
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
5.2.3.6
PCI MSR Address (GLPCI_PMADDR)
5.2.3.7
PCI MSR Data 0 (GLPCI_PMDATA0)
PCI Index
F4h
Type
R/W
Reset Value
00000000h
GLPCI_PMADDR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654
321
0
ADDRESS
GLPCI_PMADDR Bit Descriptions
Bit
Name
Description
31:0
ADDRESS
MSR Address. Address field to use in GLIU MSR accessing. Addresses with the most
significant 18 bits set to zero address the model specific registers of the GLPCI_SB mod-
ule itself. If any of the 18 most significant bits are set to one, the GLPCI_SB forwards the
MSR access to the GLIU without performing any address translation.
PCI Index
F8h
Type
R/W
Reset Value
00000000h
GLPCI_PMDATA0 Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654
321
0
DATA0
GLPCI_PMDATA0 Bit Descriptions
Bit
Name
Description
31:0
DATA0
MSR Data 0. Least significant 32-bits of MSR data. DATA0 and DATA1 R/W are atomic in
nature (i.e., if DATA0 access is made in GLPCI_SB then it must followed by DATA1
access). Until the DATA1 access, the GLPCI_SB retries all other transactions on the PCI
bus for 215 cycles. After the timeout expires, atomic nature of DATA0 and DATA1 expires
and other transactions are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com