Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 224 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 224 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 220Page - National Semiconductor (TI) CS5535 Datasheet HTML 221Page - National Semiconductor (TI) CS5535 Datasheet HTML 222Page - National Semiconductor (TI) CS5535 Datasheet HTML 223Page - National Semiconductor (TI) CS5535 Datasheet HTML 224Page - National Semiconductor (TI) CS5535 Datasheet HTML 225Page - National Semiconductor (TI) CS5535 Datasheet HTML 226Page - National Semiconductor (TI) CS5535 Datasheet HTML 227Page - National Semiconductor (TI) CS5535 Datasheet HTML 228Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 555 page
background image
www.national.com
224
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
5.2.2.3
PCI Configuration Space Header Byte 0-3 (GLPCI_PCIHEAD_BYTE0-3)
Reads back the value of PCI Configuration Space Header Byte 0-3 (GLPCI_PCI_HEAD_BYTE0-3). See Section 5.2.3.1 on
page 225 for register map and bit definitions.
5.2.2.4
PCI Configuration Space Header Byte 4-7 (GLPCI_PCIHEAD_BYTE4-7)
Reads back the value of PCI Configuration Space Header Byte 4-7 (GLPCI_PCI_HEAD_BYTE4-7). See Section 5.2.3.2 on
page 226 for register map and bit definitions.
5.2.2.5
PCI Configuration Space Header Byte 8-B (GLPCI_PCIHEAD_BYTE8-B)
Reads back the value of PCI Configuration Space Header Byte 8-B (GLPCI_PCI_HEAD_BYTE8-B). See Section 5.2.3.3
on page 226 for register map and bit definitions.
5.2.2.6
PCI Configuration Space Header Byte C-F (GLPCI_PCIHEAD_BYTEC-F)
Reads back the value of PCI Configuration Space Header Byte C-F (GLPCI_PCI_HEAD_BYTEC-F). See Section 5.2.3.4
on page 227 for register map and bit definitions.
32
SPACE
Region Space Indicator.
0: Memory space.
1: I/O space.
31:12
BASE
Base of Region. For memory use [31:12] as base of address bits [31:12].
For I/O use [31:14] as base of address bits [19:2]. (Note 1)
11:4
RSVD (RO)
Reserved (Read Only). Returns 0.
3PF
Prefetchable. If region is memory and this bit is set, it indicates a prefetechable memory
region. Reads to this region have no side-effects. If region is I/O and this bit is set, post all
I/O writes to this region.
2
RSVD (RO)
Reserved (Read Only). Returns 0.
1RH
Retry/Hold. Defines whether GLPCI_SB PCI slave generates a retry condition or holds
the PCI bus until cycle completion. Note that even if hold is selected, the cycle will be ter-
minated if initial latency time-out is reached.
0: Retry.
1: Hold.
0EN
Region Enable. Set to 1 to enable access to this region.
Note 1. For memory, 4 kB granularity, inclusive: [63:44] <= address[31:12] <= [31:12].
For I/O, 4B granularity, inclusive: [63:46] <= address[19:2] <= [31:14].
MSR Address
51000030h
Type
RO
Reset Value
00000000_002A100Bh
MSR Address
51000031h
Type
RO
Reset Value
00000000_00000000h
MSR Address
51000032h
Type
RO
Reset Value
00000000_00000000h
MSR Address
51000033h
Type
RO
Reset Value
00000000_00000000h
GLPCI_REGCONF[x] Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com