Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 223Page - National Semiconductor (TI) CS5535 Datasheet HTML 224Page - National Semiconductor (TI) CS5535 Datasheet HTML 225Page - National Semiconductor (TI) CS5535 Datasheet HTML 226Page - National Semiconductor (TI) CS5535 Datasheet HTML 227Page - National Semiconductor (TI) CS5535 Datasheet HTML 228Page - National Semiconductor (TI) CS5535 Datasheet HTML 229Page - National Semiconductor (TI) CS5535 Datasheet HTML 230Page - National Semiconductor (TI) CS5535 Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 555 page
background image
Revision 0.8
227
www.national.com
GLPCI_SB Register Descriptions (Continued)
5.2.3.4
PCI Configuration Space Header Byte C-F (GLPCI_PCI_HEAD_BYTEC-F)
5.2.3.5
PCI MSR Control (GLPCI_PMCTRL)
PCI Index
0Ch
Type
RO
Reset Value
00000000h
GLPCI_PCI_HEAD_BYTC-F Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
PCI_BIST
PCI_HEADER
PCI_LTNCY_TMR
PCI_CACHE
GLPCI_PCI_HEAD_BYTEC-F Bit Descriptions
Bit
Name
Description
31:24
PCI_BIST
PCI BIST Register (Read Only). Not implemented.
23:16
PCI_HEADER
PCI Header Type Byte (Read Only). This register defines the format of this header.
This header is of type format 0, that is, this byte contains all zeroes.
16:8
PCI_LTNCY_TMR
PCI Latency Timer Register (Read Only). Not implemented. Writing these bits have
no effect.
7:0
PCI_CACHE
PCI Cache Line Size Register (Read Only). Not implemented. Writing these bits have
no effect.
PCI Index
F0h
Type
R/W
Reset Value
00000001h
GLPCI_PMCTRL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654
321
0
RSVD
GLPCI_PMCTRL Bit Descriptions
Bit
Name
Description
31:1
RSVD (RO)
Reserved (Read Only). Returns 0.
0MSR_EN
MSR Enable. Set to 1 to enable access to Model Specific Registers (MSRs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com