Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 220 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 220 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 216Page - National Semiconductor (TI) CS5535 Datasheet HTML 217Page - National Semiconductor (TI) CS5535 Datasheet HTML 218Page - National Semiconductor (TI) CS5535 Datasheet HTML 219Page - National Semiconductor (TI) CS5535 Datasheet HTML 220Page - National Semiconductor (TI) CS5535 Datasheet HTML 221Page - National Semiconductor (TI) CS5535 Datasheet HTML 222Page - National Semiconductor (TI) CS5535 Datasheet HTML 223Page - National Semiconductor (TI) CS5535 Datasheet HTML 224Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 555 page
background image
www.national.com
220
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
48:43
RSVD
(RO)
---
Reserved (Read Only). Returns 0.
42
SLTO
IB
Subsequent Latency Time-Out Select. Specifies the subsequent target latency time-
out limit. If, within a burst, the GLPCI_SB module does not respond with the configured
number of clock edges the PCI interface terminates the PCI bus cycle.
0: 8 PCI clock edges.
1: 4 PCI clock edges.
41:40
ILTO
IB
Initial Latency Time-out Select. Specifies the initial target latency time-out limit for the
PCI interface. If the GLPCI_SB module does not respond with the first data phase within
the configured number of clock edges the PCI interface terminates the PCI bus cycle.
00: 32 PCI clock edges.
10: 8 PCI clock edges.
01: 16 PCI clock edges.
11: 4 PCI clock edges.
39:35
LAT
IB/OB
PCI Usage Timer. Usage time-out value for limiting bus tenure.
34:32
0
(RO)
IB/OB
Constant 0 (Read Only). The three least significant bits of the PCI latency timer field
are fixed as zeros. These bits are not used as part of the PCI latency timer comparison.
31:24
RSVD
(RO)
---
Reserved (Read Only). Returns 0.
23:21
SUS
IB/OB
Busy Sustain. Controls the sustain time for keeping the clocks running after the internal
busy signals indicate that the clocks may be gated.
000: No sustain.
100: 32 clock cycles.
001: 4 clock cycles.
101: 64 clock cycles.
010: 8 clock cycles.
110: 128 clock cycles.
011: 16 clock cycles.
111: 256 clock cycles.
20
RSVD
(RO)
---
Reserved (Read Only). Returns 0.
19:18
FPIDE
IB
Prefetch Primary IDE. If these bits are set, I/O reads to address 1F0h conform to a
prefetching behavior. Under this mode, the GLPCI_SB issues GLIU Read Request
Packets for this specific address before receiving a request on the PCI bus for it. When
IDE prefetch is enabled, all PCI accesses to 1F0h must be DWORDs; that is, 4 bytes.
This setting can only be changed between PIO operations.
00: Off. (Default)
01: At “beginning” initialize pipeline with two read requests.
10: At “beginning” initialize pipeline with three read requests.
11: Reserved.
The prefetch only applies if the current command is "read". The current command is
assumed from the last write to IDE Command Register at 1F7h. The following com-
mands are considered "reads":
Read sectors - 20h
Read multiple - C4h
Read buffer
- E4h
Prefetch does not cross sector boundaries; that is, 512-byte boundaries. Any prefetched
data is discarded and the “boundary” set to 0 on any write to 1F7h.
17
PPIDE
IB
Post Primary IDE. Defaults to 0. If this bit is set, I/O writes to address 1F0h are posted;
that is, the “send response” flag is not set in the GLIU Write Request Packet. Effectively,
an I/O write to this specific address is posted just like memory writes are posted. When
IDE posting is enabled, single and double WORD writes may be mixed without restric-
tion.
GLPCI_CTRL Bit Descriptions (Continued)
Bit
Name
IB/OB
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com