Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 214Page - National Semiconductor (TI) CS5535 Datasheet HTML 215Page - National Semiconductor (TI) CS5535 Datasheet HTML 216Page - National Semiconductor (TI) CS5535 Datasheet HTML 217Page - National Semiconductor (TI) CS5535 Datasheet HTML 218Page - National Semiconductor (TI) CS5535 Datasheet HTML 219Page - National Semiconductor (TI) CS5535 Datasheet HTML 220Page - National Semiconductor (TI) CS5535 Datasheet HTML 221Page - National Semiconductor (TI) CS5535 Datasheet HTML 222Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 555 page
background image
www.national.com
218
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
5.2.1.5
GeodeLink Device Power Management MSR (GLPCI_GLD_MSR_PM)
MSR Address
51000004h
Type
R/W
Reset Value
00000000_00000000h
CLPCI_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
IO
MODEA
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
P
MODE2
P
MODE1
P
MODE0
GLPCI_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
63:50
RSVD (RO)
Reserved (Read Only). Returns 0.
49:48
IOMODEA
I/O Mode A Control. These bits determine how the associated PCI inputs and outputs
will behave when the PMC asserts two internal signals that are controlled by PMS I/O
Offset 20h and 0Ch. The list of affected signals is given in Table 3-11 "Sleep Driven PCI
Signals" on page 71.
00: No gating of I/O cells during a Sleep sequence (Default).
01: During a power management Sleep sequence, force inputs to their non-asserted
state when PM_IN_SLPCTL is enabled.
10: During a power management Sleep sequence, force inputs to their non-asserted
state when PM_IN_SLPCTL is enabled, and park (force) outputs low when
PM_OUT_SLPCTL is enabled.
11: Immediately and unconditionally, force inputs to their not asserted state, and park
(force) outputs low.
47:35
RSVD (RO)
Reserved (Read Only). Returns 0.
34:32
RSVD
Reserved. Write as read.
31:6
RSVD (RO)
Reserved (Read Only). Returns 0.
5:4
PMODE2
Power Mode 2. Power mode for PCI-fast clock domain.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.
3:2
PMODE1
Power Mode 1. Power mode for PCI clock domain.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com