Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 209Page - National Semiconductor (TI) CS5535 Datasheet HTML 210Page - National Semiconductor (TI) CS5535 Datasheet HTML 211Page - National Semiconductor (TI) CS5535 Datasheet HTML 212Page - National Semiconductor (TI) CS5535 Datasheet HTML 213Page - National Semiconductor (TI) CS5535 Datasheet HTML 214Page - National Semiconductor (TI) CS5535 Datasheet HTML 215Page - National Semiconductor (TI) CS5535 Datasheet HTML 216Page - National Semiconductor (TI) CS5535 Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 555 page
background image
Revision 0.8
213
www.national.com
5.2
GEODELINK PCI SOUTH BRIDGE REGISTER DESCRIPTIONS
The GeodeLink PCI South Bridge (GLPCI_SB) register set
consists of:
• Standard GeodeLink Device MSRs
• GLPCI_SB Specific MSRs
• PCI Configuration Registers
The MSRs (both Standard and GLPCI_SB Specific) are
accessed via the RDMSR and WRMSR processor instruc-
tions. The MSR address is derived from the perspective of
the CPU Core. See Section 3.2 "CS5535 MSR Addressing"
on page 53 for more details on MSR addressing.
Additionally,
all
GLPCI_SB
Specific
MSRs
can
be
accessed through both the PCI and GLIU interfaces. See
Section 5.2.3 "PCI Configuration Registers" on page 225
for details.
The PCI configuration registers can only be accessed
through the PCI interface and include:
• The first 16 bytes of standard PCI configuration regis-
ters.
• MSR access registers:
—PMCTRL
— PMADDR
—PMDATA0
—PMDATA1
Tables 5-5 through 5-7 are register summary tables that
include reset values and page references where the bit
descriptions are provided.
Table 5-5. Standard GeodeLink Device MSRs Summary
MSR Address
Type
Register
Reset Value
Reference
51000000h
RO
GeodeLink Device Capabilities MSR
(GLPCI_GLD_MSR_CAP)
00000000_002051xxh
Page 214
51000001h
R/W
GeodeLink Device Master Configuration MSR
(GLPCI_GLD_MSR_CONFIG)
00000000_00000000h
Page 215
51000002h
R/W
GeodeLink Device SMI MSR
(GLPCI_GLD_MSR_SMI)
00000000_00000000h
Page 215
51000003h
R/W
GeodeLink Device Error MSR
(GLPCI_GLD_MSR_ERROR)
00000000_00000000h
Page 216
51000004h
R/W
GeodeLink Device Power Management MSR
(GLPCI_GLD_MSR_PM)
00000000_00000000h
Page 218
51000005h
R/W
GeodeLink Device Diagnostic MSR
(GLPCI_GLD_MSR_DIAG)
00000000_00000000h
Page 219
Table 5-6. GLPCI_SB Specific MSRs Summary
MSR Address
Type
Register
Reset Value
Reference
51000010h
R/W
Global Control (GLPCI_CTRL)
44000030_00000003h
Page 219
51000020h
R/W
Region 0 Configuration (GLPCI_R0)
00000000_00000000h
Page 223
51000021h
R/W
Region 1 Configuration (GLPCI_R1)
00000000_00000000h
Page 223
51000022h
R/W
Region 2 Configuration (GLPCI_R2)
00000000_00000000h
Page 223
51000023h
R/W
Region 3 Configuration (GLPCI_R3)
00000000_00000000h
Page 223
51000024h
R/W
Region 4 Configuration (GLPCI_R4)
00000000_00000000h
Page 223
51000025h
R/W
Region 5 Configuration (GLPCI_R5)
00000000_00000000h
Page 223
51000026h
R/W
Region 6 Configuration (GLPCI_R6)
00000000_00000000h
Page 223
51000027h
R/W
Region 7 Configuration (GLPCI_R7)
00000000_00000000h
Page 223
51000028h
R/W
Region 8 Configuration (GLPCI_R8)
00000000_00000000h
Page 223
51000029h
R/W
Region 9 Configuration (GLPCI_R9)
00000000_00000000h
Page 223
5100002Ah
R/W
Region 10 Configuration (GLPCI_R10)
00000000_00000000h
Page 223
5100002Bh
R/W
Region 11 Configuration (GLPCI_R11)
00000000_00000000h
Page 223
5100002Ch
R/W
Region 12 Configuration (GLPCI_R12)
00000000_00000000h
Page 223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com