Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 211 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 211 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 207Page - National Semiconductor (TI) CS5535 Datasheet HTML 208Page - National Semiconductor (TI) CS5535 Datasheet HTML 209Page - National Semiconductor (TI) CS5535 Datasheet HTML 210Page - National Semiconductor (TI) CS5535 Datasheet HTML 211Page - National Semiconductor (TI) CS5535 Datasheet HTML 212Page - National Semiconductor (TI) CS5535 Datasheet HTML 213Page - National Semiconductor (TI) CS5535 Datasheet HTML 214Page - National Semiconductor (TI) CS5535 Datasheet HTML 215Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 555 page
background image
Revision 0.8
211
www.national.com
GLIU Register Descriptions (Continued)
5.1.4.2
IOD Swiss Cheese Descriptors (GLIU_IOD_SC[x])
IOD Swiss Cheese 0 (GLIU_IOD_SC0)
IOD Swiss Cheese 1 (GLIU_IOD_SC1)
IOD Swiss Cheese 2 (GLIU_IOD_SC2)
IOD Swiss Cheese 3 (GLIU_IOD_SC3)
IOD Swiss Cheese 4 (GLIU_IOD_SC4)
IOD Swiss Cheese 5 (GLIU_IOD_SC5)
IOD Swiss Cheese 6 (GLIU_IOD_SC6)
IOD Swiss Cheese 7 (GLIU_IOD_SC7)
Each of these eight descriptors checks that the physical address supplied by the device’s request on the address bits is
equal to the IBASE_SC field of descriptor register bits and that the enable write or read conditions given by the descriptor
register fields WEN and REN respectively matches the request type and enable fields given on the physical address bits of
the device’s request.
If the above matches, then the descriptor has a hit condition and routes the received address to the programmed destina-
tion ID, IDID1_SC field of the descriptor register bits.
59:40
RSVD
Reserved. Write as read.
39:20
IBASE_BM
Physical I/O Address Base.These bits form the matching value against which the
masked value of the physical address, bits [31:12] are directly compared. If a match is
found, then a hit is declared, depending on the setting of the BIZZARO flag comparator.
19:0
IMASK_BM
Physical I/O Address Mask. These bits are used to mask address bits [31:12] for the
purposes of this hit detection.
GLIU_IOD_BM[x] Bit Descriptions (Continued)
Bit
Name
Description
MSR Address
510100EAh
Type
R/W
Reset Value
60000000_403003F0h
MSR Address
510100EBh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100ECh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100EDh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100EEh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100EFh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100F0h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100F1h
Type
R/W
Reset Value
00000000_00000000h
GLIU_IOD_SC[x] Register
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
IDID_SC
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
EN_SC
RSVD
IBASE_SC
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com