Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 202Page - National Semiconductor (TI) CS5535 Datasheet HTML 203Page - National Semiconductor (TI) CS5535 Datasheet HTML 204Page - National Semiconductor (TI) CS5535 Datasheet HTML 205Page - National Semiconductor (TI) CS5535 Datasheet HTML 206Page - National Semiconductor (TI) CS5535 Datasheet HTML 207Page - National Semiconductor (TI) CS5535 Datasheet HTML 208Page - National Semiconductor (TI) CS5535 Datasheet HTML 209Page - National Semiconductor (TI) CS5535 Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 555 page
background image
www.national.com
206
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.3.15
Request Compare Value (GLIU_RQ_COMP_VAL)
The RQ Compare Value and the RQ Compare Mask enable traps on specific transactions. A hit to the RQ Compare is
determined by hit = (RQ_IN & RQ_COMP_MASK) == RQ_COMP_VAL). A hit can trigger the RQ_COMP error sources
when they are enabled. The value is compared only after the packet is arbitrated.
3HIT_ERR
Assert AERR on Descriptor Hit. This bit causes an asynchronous error to be generated
when a matching descriptor hit occurs, or not. The descriptor hits are ANDed with the
masks and then all ORed together.
0: Disable.
1: Enable.
2HIT_SMI
Assert ASMI on Descriptor Hit. This bit causes an ASMI to be generated when a
matching descriptor hit occurs, or not. The descriptor hits are ANDed with the masks and
then all ORed together.
0: Disable.
1: Enable.
1HIT_DEC
Decrement Counter on Descriptor Hit. This bit causes the associated counter to dec-
rement when a matching descriptor hit occurs, or not.The descriptor hits are ANDed with
the masks and then all ORed together.
0: Disable.
1: Enable.
0HIT_LDEN
Load Counter on Descriptor Hit. This bit causes the associated counter to reload its
LOAD_VAL when a matching descriptor hit occurs, or not.The descriptor hits are ANDed
with the masks and then all ORed together.
0: Disable.
1: Enable.
MSR Address
510100C0h
Type
R/W
Reset Value
001FFFFF_FFFFFFFFh
GLIU_RQ_COMP_VAL Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
RQ_COMPVAL
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654
3210
RQ_COMPVAL
GLIU_RQ_COMP_VAL Bit Descriptions
Bit
Name
Description
63:53
RSVD
Reserved. Write as read.
52:0
RQ_COMPVAL
Request Packet Value. This is the value compared against the logical bit-wise AND of
the incoming request packet and the RQ_COMP_MASK in order to determine a hit.
GLIU_STATISTIC_ACTION[x] Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com