Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 193Page - National Semiconductor (TI) CS5535 Datasheet HTML 194Page - National Semiconductor (TI) CS5535 Datasheet HTML 195Page - National Semiconductor (TI) CS5535 Datasheet HTML 196Page - National Semiconductor (TI) CS5535 Datasheet HTML 197Page - National Semiconductor (TI) CS5535 Datasheet HTML 198Page - National Semiconductor (TI) CS5535 Datasheet HTML 199Page - National Semiconductor (TI) CS5535 Datasheet HTML 200Page - National Semiconductor (TI) CS5535 Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 555 page
background image
Revision 0.8
197
www.national.com
GLIU Register Descriptions (Continued)
5.1.3.3
Arbitration (GLIU_ARB)
5.1.3.4
Asynchronous SMI (GLIU_ASMI)
ASMI is a condensed version of the Port ASMI signals. The EN bits ([15:8]) can be used to prevent a device from issuing an
ASMI. A write of 1 to the EN bit disables the device’s ASMI. The FLAG bits ([7:0]) are status bits. If high, an ASMI was gen-
erated due to the associated device. (See Section 3.1.4 "ASMI and Error" on page 51 for further details.)
5:4
PAE3
Port Active Enable for Port 3 (ATAC). See bits [15:14] for decode.
3:2
PAE2
Port Active Enable for Port 2 (USBC2). See bits [15:14] for decode.
1:0
PAE1
Port Active Enable for Port 1 (GLPCI_SB).
MSR Address
51010082h
Type
R/W
Reset Value
00000000_00000000h
GLIU_ARB Register
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654
3210
RSVD
GLIU_ARB Bit Descriptions
Bit
Name
Description
63
RSVD
Reserved. Write as read.
62
PIPE_DIS
Pipelined Arbitration Disabled.
0: Pipelined arbitration enabled and the GLIU is not limited to one outstanding transaction.
1: Limit the entire GLIU to one outstanding transaction.
61:0
RSVD
Reserved. Write as read.
MSR Address
51010083h
Type
R/W
Reset Value
00000000_00000000h
GLIU_ASMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876
543
210
RSVD
GLIU_PAE Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com