Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 193 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 193 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 189Page - National Semiconductor (TI) CS5535 Datasheet HTML 190Page - National Semiconductor (TI) CS5535 Datasheet HTML 191Page - National Semiconductor (TI) CS5535 Datasheet HTML 192Page - National Semiconductor (TI) CS5535 Datasheet HTML 193Page - National Semiconductor (TI) CS5535 Datasheet HTML 194Page - National Semiconductor (TI) CS5535 Datasheet HTML 195Page - National Semiconductor (TI) CS5535 Datasheet HTML 196Page - National Semiconductor (TI) CS5535 Datasheet HTML 197Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 555 page
background image
Revision 0.8
193
www.national.com
GLIU Register Descriptions (Continued)
5.1.1.5
GeodeLink Device Power Management MSR (GLIU_GLD_MSR_PM)
5.1.1.6
GeodeLink Device Diagnostic MSR (GLIU_GLD_MSR_DIAG)
This register is reserved for internal use by National and should not be written to.
MSR Address
51010004h
Type
R/W
Reset Value
00000000_00000000h
GLIU_GLD_MSR_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654
3210
RSVD
GLIU_GLD_MSR_PM Bit Descriptions
Bit
Name
Description
63:4
RSVD
Reserved. Write as read.
3:2
PMODE1
Power Mode 1. Statistics and Time Slice Counters.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.
1:0
PMODE0
Power Mode 0. Online GLIU logic.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.
MSR Address
51010005h
Type
R/W
Reset Value
00000000_00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com