Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 311 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 311 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 307Page - National Semiconductor (TI) CS5535 Datasheet HTML 308Page - National Semiconductor (TI) CS5535 Datasheet HTML 309Page - National Semiconductor (TI) CS5535 Datasheet HTML 310Page - National Semiconductor (TI) CS5535 Datasheet HTML 311Page - National Semiconductor (TI) CS5535 Datasheet HTML 312Page - National Semiconductor (TI) CS5535 Datasheet HTML 313Page - National Semiconductor (TI) CS5535 Datasheet HTML 314Page - National Semiconductor (TI) CS5535 Datasheet HTML 315Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 555 page
background image
Revision 0.8
311
www.national.com
DIVIL Register Descriptions (Continued)
5.6.2.6
Local BAR - MFGPTs (DIVIL_LBAR_MFGPT)
See Section 4.6.1 "LBARs and Comparators" on page 97 for operational details. The MFGPTs take 64 bytes of I/O space.
5.6.2.7
Local BAR - ACPI (DIVIL_LBAR_ACPI)
See Section 4.6.1 "LBARs and Comparators" on page 97 for operational details.
The ACPI registers take 32 bytes of I/O space. Offsets are as follows:
00h
PM1_STS
02h
PM1_EN
08h
PM1_CNT
0Ch
PM2_CNT
10h
PM_TMR
14h
Reserved
18h
GPE0_STS
1Ch
GPE0_EN
MSR Address
5140000Dh
Type
R/W
Reset Value
00000000_00000000h
DIVIL_LBAR_MFGPT Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
IO_MASK
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
BASE_ADDR
RSVD
DIVIL_LBAR_MFGPT Bit Descriptions
Bit
Name
Description
63:49
RSVD
Reserved. Reads return 0; writes have no effect.
48
RSVD
Reserved. Always write 0.
47:44
IO_MASK
I/O Address Mask Value. See discussion in Section 4.6.1 "LBARs and Comparators"
on page 97
43:33
RSVD
Reserved. Reads return 0; writes have no effect.
32
LBAR_EN
LBAR Enable.
0: Disable LBAR.
1: Enable LBAR.
31:17
RSVD
Reserved. Reads return 0; writes have no effect.
16
RSVD
Reserved. Always write 0.
15:6
BASE_ADDR
Base Address in I/O Space. See discussion in Section 4.6.1 "LBARs and Compara-
tors" on page 97
5
RSVD
Reserved. Reads return value written. Default value is 0. Note that this bit is reserved
and performs no function.
4:0
RSVD
Reserved. Reads return 0; writes have no effect.
MSR Address
5140000Eh
Type
R/W
Reset Value
00000000_00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com