Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 314 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 314 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 310Page - National Semiconductor (TI) CS5535 Datasheet HTML 311Page - National Semiconductor (TI) CS5535 Datasheet HTML 312Page - National Semiconductor (TI) CS5535 Datasheet HTML 313Page - National Semiconductor (TI) CS5535 Datasheet HTML 314Page - National Semiconductor (TI) CS5535 Datasheet HTML 315Page - National Semiconductor (TI) CS5535 Datasheet HTML 316Page - National Semiconductor (TI) CS5535 Datasheet HTML 317Page - National Semiconductor (TI) CS5535 Datasheet HTML 318Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 555 page
background image
www.national.com
314
Revision 0.8
DIVIL Register Descriptions (Continued)
DIVIL_LBAR_FLSH[x] Bit Descriptions
Bit
Name
Description
If bit 34 = 0; I/O Mapped
63:49
RSVD
Reserved. Reads return value written. Defaults to 0
48
RSVD
Reserved. Always write 0.
47:36
IO_MASK
I/O Address Mask Value. For standard NAND Flash, bits [48:36] should be set to all
1s. Add 0s from the LSBs as needed for OEM specific devices that take more than 16
bytes.See discussion in Section 4.6.1 "LBARs and Comparators" on page 97
35
RSVD
Reserved. Reads return value written. Defaults to 0.
34
MEM_IO
Memory or I/O Mapped.
0: LBAR is I/O mapped).
1: LBAR is memory mapped.
33
NOR_NAND
NOR or NAND.
0: Use NOR chip select (FLASH_CS[x]#).
1: Use NAND chip select (FLASH_CE[x]#).
32
LBAR_EN
LBAR Enable.
0: Disable LBAR.
1: Enable LBAR.
31:17
RSVD
Reserved. Reads return value written. Defaults to 0.
16
RSVD
Reserved. Always write 0.
15:4
BASE_ADDR
Base Address in I/O Space. See discussion in Section 4.6.1 "LBARs and Compara-
tors" on page 97
3:0
RSVD
Reserved. Reads return value written. Defaults to 0.
If bit 34 = 1; Memory Mapped
63:44
MEM_MASK
Memory Address Mask Value. See discussion in Section 4.6.1 "LBARs and Compar-
ators" on page 97
43:35
RSVD
Reserved. Reads return value written. Defaults to 0.
34
MEM_IO
Memory or I/O Mapped.
0: LBAR is I/O mapped.
1: LBAR is memory mapped.
33
NOR_NAND
NOR or NAND.
0: Use NOR chip select (FLASH_CS[x]#).
1: Use NAND chip select (FLASH_CE[x]#).
32
LBAR_EN
LBAR Enable.
0: Disable LBAR.
1: Enable LBAR.
31:12
BASE_ADDR
Base Address in Memory Space. See discussion in Section 4.6.1 "LBARs and Com-
parators" on page 97
11:0
RSVD
Reserved. Reads return value written. Defaults to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com