Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 315 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 315 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 311Page - National Semiconductor (TI) CS5535 Datasheet HTML 312Page - National Semiconductor (TI) CS5535 Datasheet HTML 313Page - National Semiconductor (TI) CS5535 Datasheet HTML 314Page - National Semiconductor (TI) CS5535 Datasheet HTML 315Page - National Semiconductor (TI) CS5535 Datasheet HTML 316Page - National Semiconductor (TI) CS5535 Datasheet HTML 317Page - National Semiconductor (TI) CS5535 Datasheet HTML 318Page - National Semiconductor (TI) CS5535 Datasheet HTML 319Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 555 page
background image
Revision 0.8
315
www.national.com
DIVIL Register Descriptions (Continued)
5.6.2.10
Legacy I/O Space Controls (DIVIL_LEG_IO)
MSR Address
51400014h
Type
R/W
Reset Value
04000003h
DIVIL_LEG_IO Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DIVIL_LEG_IO Bit Description
Bit
Name
Description
31
RESET_SHUT_
EN
Shutdown Reset Enable If set, this bit will enable the issuance of the RESET_OUT#
signal upon the detection of a PCI Shutdown cycle from the GX2 (or any other PCI
master). The reason for the reset is recorded in the PM_SSC register (PMS I/O Offset
54h[9], see Section 5.18.3.19 on page 499 for bit details).
0: Do not issue RESET_OUT# upon detection of Shutdown cycle.
1: Issue RESET_OUT# upon detection of Shutdown cycle.
30
RESET_BAD_EN
Bad Transaction Reset Enable If set, this bit will enable a system wide reset via the
RESET_OUT# signal, if the GeodeLink Adapter detects a ‘bad’ GeodeLink transaction.
The reason for the reset is recorded in the PM_SSC register (PMS I/O Offset 54h[12],
see Section 5.18.3.19 on page 499 for bit details).
0: Do not issue RESET_OUT# upon detection of a “bad” transaction.
1: Issue RESET_OUT# upon detection of a “bad” transaction
29
RSVD
Reserved: This bit should always be written to 0.
28
SPEC_CYC_MD
Special Cycle Mode. Allows selection of how the DIVIL decodes Local bus address for
GeodeLink special cycles. (Defaults 0.)
0: Decode is per the PCI spec:
00h: Shutdown.
01h: Halt.
All other values ignored.
1: Decode is per the x86 standard:
00h: Shutdown.
02h: Halt.
All other values ignored.
27
0X000E_XXXX
000Exxxxh Remap. If high, memory addresses in the range of 000Exxxxh are re-
mapped to FFFExxxxh. Applies to addresses except the LBAR comparators and other
address decode functions. (Defaults 0.)
26
0X000F_XXXX
000Fxxxxh Remap. If high, memory addresses in the range of 000Fxxxxh are re-
mapped to FFFFxxxxh. Applies to addresses except the LBAR comparators and other
address decode functions. (Defaults 1.)
25
LPC_DISABLE_
MEM
LPC Disable Memory. If high, discard all memory writes which would otherwise go to
the LPC by default. For reads, return all 1s. “Default” means any address not explicitly
mapped into on-chip memory space or claimed by an LBAR hit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com