Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 317 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 317 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 313Page - National Semiconductor (TI) CS5535 Datasheet HTML 314Page - National Semiconductor (TI) CS5535 Datasheet HTML 315Page - National Semiconductor (TI) CS5535 Datasheet HTML 316Page - National Semiconductor (TI) CS5535 Datasheet HTML 317Page - National Semiconductor (TI) CS5535 Datasheet HTML 318Page - National Semiconductor (TI) CS5535 Datasheet HTML 319Page - National Semiconductor (TI) CS5535 Datasheet HTML 320Page - National Semiconductor (TI) CS5535 Datasheet HTML 321Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 555 page
background image
Revision 0.8
317
www.national.com
DIVIL Register Descriptions (Continued)
DIVIL_BALL_OPTS Bit Descriptions
Bit
Name
Description
31:12
RSVD
Reserved. Reads always return 0. Writes have no effect; by convention, always write 0.
11:10
SEC_BOOT_LOC
Secondary Boot Location. Determines which chip select asserts for addresses in the
range F00F0000h to F00F3FFFh. Defaults to the same value as boot option:
00: LPC ROM.
01: Reserved .
10: Flash.
11: FirmWare Hub.
9:8
BOOT_OP_
LATCHED (RO)
Latched Value of Boot Option (Read Only). For values, see Table 2-5 "Boot Options
Selection" on page 29.
7
RSVD
Reserved. Reads return value written. By convention, always write 0. Defaults low.
6
PIN_OPT_LALL
All LPC Pin Option Selection.
0: All LPC pins become GPIOs including LPC_DRQ# and LPC_SERIRQ.
Ball H3 functions as GPIO22
Ball H2 functions as GPIO16
Ball J2 functions as GPIO17
Ball J1 functions as GPIO18
Ball K1 functions as GPIO19
Ball G1 functions as GPIO20
Ball G2 functions as GPIO21
1: All LPC pins are controlled by the LPC controller except LPC_DRQ# and
LPC_SERIRQ use are determined by bits [5:4]. (Default)
Ball H3 functions as LPC_FRAME#
Ball H2 functions as LPC_AD0
Ball J2 functions as LPC_AD1
Ball J1 functions as LPC_AD2
Ball K1 functions as LPC_AD3
When this bit is low, there is an implied high for LPC_DISABLE_IO and
LPC_DISABLE_MEM in MSR_LEG_IO (MSR 51400014h).
5
PIN_OPT_LIRQ
LPC_SERIRQ or GPIO21 Pin Option Selection.
0: Ball G2 is GPIO21.
1: Ball G2 functions as LPC_SERIRQ. (Default)
4
PIN_OPT_LDRQ
LPC_DRQ# or GPIO20 Pin Option Selection.
0: Ball G1 is GPIO20.
1: Ball G2 functions as LPC_DRQ#. (Default)
3:2
PRI_BOOT_LOC
[1:0]
Primary Boot Location. Determines which chip select asserts for addresses at or
above F0000000h, except those in the range specified by SEC_BOOT_LOC (bits
[11:10]). Defaults to the same value as boot option.
00: LPC ROM.
01: Reserved .
10: Flash.
11: FirmWare Hub.
1
RSVD
Reserved. Reads return value written. By convention, always write 0. Defaults low.
0
PIN_OPT_IDE
IDE or Flash Controller Pin Function Selection.
0: All IDE pins associated with Flash Controller. Default if BOS[1:0] = 10.
1: All IDE pins associated with IDE Controller. Default if BOS[1:0] = 00 or 11.
IDE_IRQ0 is multiplexed with GPIO2; therefore, this bit has no affect with regards to
programming IDE_IRQ0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com