Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 320 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 320 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 316Page - National Semiconductor (TI) CS5535 Datasheet HTML 317Page - National Semiconductor (TI) CS5535 Datasheet HTML 318Page - National Semiconductor (TI) CS5535 Datasheet HTML 319Page - National Semiconductor (TI) CS5535 Datasheet HTML 320Page - National Semiconductor (TI) CS5535 Datasheet HTML 321Page - National Semiconductor (TI) CS5535 Datasheet HTML 322Page - National Semiconductor (TI) CS5535 Datasheet HTML 323Page - National Semiconductor (TI) CS5535 Datasheet HTML 324Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 555 page
background image
www.national.com
320
Revision 0.8
5.7
FLOPPY PORT REGISTER DESCRIPTIONS
The registers for the Floppy Port are divided into two sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 "Standard GeodeLink Device MSRs"
on page 299.)
• Floppy Port Specific MSRs
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the Floppy Port Specific
MSRs are called out as 8 bits. The Floppy Port treats writes
to the upper 56 bits (i.e., bits [63:8]) of the 8-bit MSRs as
don’t cares and always returns 0 on these bits. Table 5-19
summarizes the Floppy Port Specific MSRs.
The reference column in the tables point to the page where
the register maps and bit descriptions are listed.
Table 5-19. Floppy Port Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51400030h
RO
Floppy Port 3F2h Shadow (FLPY_3F2_SHDW)
xxh
Page 321
51400031h
RO
Floppy Port 3F7h Shadow (FLPY_3F7_SHDW)
xxh
Page 321
51400032h
RO
Floppy Port 372h Shadow (FLPY_3F2_SHDW)
xxh
Page 322
51400033h
RO
Floppy Port 377h Shadow (FLPY_377_SHDW)
xxh
Page 322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com