Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 324 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 324 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 320Page - National Semiconductor (TI) CS5535 Datasheet HTML 321Page - National Semiconductor (TI) CS5535 Datasheet HTML 322Page - National Semiconductor (TI) CS5535 Datasheet HTML 323Page - National Semiconductor (TI) CS5535 Datasheet HTML 324Page - National Semiconductor (TI) CS5535 Datasheet HTML 325Page - National Semiconductor (TI) CS5535 Datasheet HTML 326Page - National Semiconductor (TI) CS5535 Datasheet HTML 327Page - National Semiconductor (TI) CS5535 Datasheet HTML 328Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 555 page
background image
www.national.com
324
Revision 0.8
PIT Register Descriptions (Continued)
5.8.1
PIT Specific MSRs
5.8.1.1
PIT Shadow (PIT_SHDW)
5.8.1.2
PIT Count Enable (PIT_CNTRL)
MSR Address
51400036h
Type
RO
Reset Value
00h
PIT_SHDW Register Map
76
54
32
10
PIT_SHDW
PIT_SHDW Bit Descriptions
Bit
Name
Description
7:0
PIT_SHDW (RO)
PIT Shadow (Read Only). This 8-bit port sequences through the following list of shad-
owed Programmable Interval Timer registers. At power on, a pointer starts at the first
register in the list and consecutively reads to increment through it. A write to this regis-
ter resets the read sequence to the first register. Each shadow register in the sequence
contains the last data written to that location.
The read sequence for this register is:
1.
Counter 0 LSB (least significant byte)
2.
Counter 0 MSB
3.
Counter 1 LSB
4.
Counter 1 MSB
5.
Counter 2 LSB
6.
Counter 2 MSB
7.
Counter 0 Command Word
8.
Counter 1 Command Word
9.
Counter 2 Command Word
Note: The LSB / MSB of the count is the Counter base value, not the current value. In
the case of counter mode 3, the LSB of the count is the Counter base value - 1 (even
count value). Bits [7:6] of the command words are not used.
MSR Address
51400037h
Type
R/W
Reset Value
03h
PIT_CNTRL Register Map
76
54
32
10
RSVD
PIT_CNTR_
ACC_DLY_EN
RSVD
PIT_CNTR1_
EN
PIT_CNTR0_
EN
PIT_CNTRL Bit Descriptions
Bit
Name
Description
7:5
RSVD
Reserved. Read zero. Write “don’t care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com