Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 322 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 322 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 318Page - National Semiconductor (TI) CS5535 Datasheet HTML 319Page - National Semiconductor (TI) CS5535 Datasheet HTML 320Page - National Semiconductor (TI) CS5535 Datasheet HTML 321Page - National Semiconductor (TI) CS5535 Datasheet HTML 322Page - National Semiconductor (TI) CS5535 Datasheet HTML 323Page - National Semiconductor (TI) CS5535 Datasheet HTML 324Page - National Semiconductor (TI) CS5535 Datasheet HTML 325Page - National Semiconductor (TI) CS5535 Datasheet HTML 326Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 555 page
background image
www.national.com
322
Revision 0.8
Floppy Port Register Descriptions (Continued)
5.7.1.3
Floppy Port 372h Shadow (FLPY_3F2_SHDW)
5.7.1.4
Floppy Port 377h Shadow (FLPY_377_SHDW)
MSR Address
51400032h
Type
RO
Reset Value
xxh
FLPY_3F2_SHDW Register Map
76543
210
FLPY_PORT_372_VAL
FLPY_3F2_SHDW Bit Descriptions
Bit
Name
Description
7:0
FLPY_PORT_372
_VAL
Floppy Port Shadow Register Value Last Written to I/O Port 372h. Required for
support of FDC power ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register that cannot safely be directly read. Value in reg-
ister is not deterministic of when the register is being read. It is provided here to assist
in a Save-to-Disk operation.
MSR Address
51400033h
Type
RO
Reset Value
xxh
FLPY_377_SHDW Register Map
76543
210
FLPY_PORT_377_VAL
FLPY_377_SHDW Bit Descriptions
Bit
Name
Description
7:0
FLPY_PORT_377
_VAL
Floppy Port Shadow Register Value Last Written to I/O Port 377h. Required for
support of FDC power ON/OFF and Zero Volt Suspend/Resume coherency.
This register is a copy of an I/O register that cannot safely be directly read. Value in reg-
ister is not deterministic of when the register is being read. It is provided here to assist
in a Save-to-Disk operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com