Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 325 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 325 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 321Page - National Semiconductor (TI) CS5535 Datasheet HTML 322Page - National Semiconductor (TI) CS5535 Datasheet HTML 323Page - National Semiconductor (TI) CS5535 Datasheet HTML 324Page - National Semiconductor (TI) CS5535 Datasheet HTML 325Page - National Semiconductor (TI) CS5535 Datasheet HTML 326Page - National Semiconductor (TI) CS5535 Datasheet HTML 327Page - National Semiconductor (TI) CS5535 Datasheet HTML 328Page - National Semiconductor (TI) CS5535 Datasheet HTML 329Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 555 page
background image
Revision 0.8
325
www.national.com
PIT Register Descriptions (Continued)
5.8.2
PIT Native Registers
5.8.2.1
PIT Timer 0 Counter - System (PIT_TMR0_CNTR_SYS)
5.8.2.2
PIT Timer 0 Status - System (PIT_TMR0_STS_SYS)
4
PIT_CNTR_ACC_
DLY_EN
PIT Counter Access Delay Enable. Used as an access delay enable for the read and
write operations of the PIT counters. This bit introduces a 1 µs delay between succes-
sive reads and/or writes of the PIT counters. This bit is intended to ensure that older,
DOS-based programs that rely on the PIT timing access to be 1 µs still function prop-
erly.
0: Disable access delay.
1: Enable access delay.
3:2
RSVD
Reserved. Read zero. Write “don’t care”.
1PIT_CNTR1_EN
PIT Counter 1 Enable.
0: Sets GATE1 input low.
1: Sets GATE1 input high.
0PIT_CNTR0_EN
PIT Counter 0 Enable.
0: Sets GATE0 input low.
1: Sets GATE0 input high.
Note:
PIT_CNTR2_EN (PIT Counter 2 Enable) bit is located at I/O Address 61h[0] (see Section 5.8.2.8 "Port B Control
(PIT_PORTBCTL)" on page 330).
I/O Address
40h
Type
W
Reset Value
00h
PIT_TMR0_CNTR_SYS_ Register Map
76
54
32
10
CNTR0
PIT_TMR0_CNTR_SYS Bit Description
Bit
Name
Description
7:0
CNTR0
Counter 0 Value. Provides the base counter value.
I/O Address
40h
Type
R
Reset Value
00h
PIT_TMR0_STS_SYS Register Map
76
54
32
10
I/O Address 43h[7:0] = 1101xx10 or 0010xxxx
CNTR0_CUR_COUNT
I/O Address 43h[7:0] = 11110xx10
CNTR0_OUT
CNTR0_LOAD
CNTR0_RW
CNTR0_MODE
BCD
PIT_CNTRL Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com