Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 316 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 316 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 312Page - National Semiconductor (TI) CS5535 Datasheet HTML 313Page - National Semiconductor (TI) CS5535 Datasheet HTML 314Page - National Semiconductor (TI) CS5535 Datasheet HTML 315Page - National Semiconductor (TI) CS5535 Datasheet HTML 316Page - National Semiconductor (TI) CS5535 Datasheet HTML 317Page - National Semiconductor (TI) CS5535 Datasheet HTML 318Page - National Semiconductor (TI) CS5535 Datasheet HTML 319Page - National Semiconductor (TI) CS5535 Datasheet HTML 320Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 555 page
background image
www.national.com
316
Revision 0.8
DIVIL Register Descriptions (Continued)
5.6.2.11
Ball Options Control (DIVIL_BALL_OPTS)
24
LPC_DISABLE_
IO
LPC Disable I/O. If high, discard all I/O writes which would otherwise go to the LPC by
default. For reads, return all 1s. “Default” means any address not explicitly mapped into
on-chip legacy I/O space or claimed by an LBAR hit.
23
RSVD
Reserved. Reads return value written. Defaults to 0.
22:20
UART2_ENABLE
[2:0]
UART2 Enable.
0xx: UART1 not enabled into DIVIL I/O space; use LPC.
100: UART1 enabled into I/O base 02E8h (COM4).
101: UART1 enabled into I/O base 02F8h (COM3).
110: UART1 enabled into I/O base 03E8h (COM2).
111: UART1 enabled into I/O base 03F8h (COM1).
If UART1 and UART2 are set to the same I/O base, a decode error is generated on
access.
19
RSVD
Reserved. Reads return value written. Defaults to 0
18:16
UART1_ENABLE
[2:0]
UART1 Enable.
0xx: UART1 not enabled into DIVIL I/O space; use LPC.
100: UART1 enabled into I/O base 02E8h (COM4).
101: UART1 enabled into I/O base 02F8h (COM3).
110: UART1 enabled into I/O base 03E8h (COM2).
111: UART1 enabled into I/O base 03F8h (COM1).
If UART1 and UART2 are set to the same I/O base, a decode error is generated on
access.
15:2
RSVD
Reserved. Reads return value written. Defaults to 0
1
RTC_ENABLE1
Real-Time Clock Map 1. Routes I/O port locations 072h and 073h to the internal RTC
high RAM or LPC.
0: RTC high RAM routed to LPC bus.
1: RTC high RAM routed to internal RTC. (Default)
0
RTC_ENABLE0
Real-Time Clock Map 0. Routes I/O port locations 070h and 071h internal RTC or
LPC. Writes to port 070h (Index) are always routed internal. The MSB is used to estab-
lish the NMI enable state.
0: RTC routed to LPC bus.
1: RTC routed to internal RTC. (Default)
MSR Address
51400015h
Type
R/W
Reset Value
00000x7xh
DIVIL_BALL_OPTS Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
DIVIL_LEG_IO Bit Description (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com