Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 360 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 360 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 356Page - National Semiconductor (TI) CS5535 Datasheet HTML 357Page - National Semiconductor (TI) CS5535 Datasheet HTML 358Page - National Semiconductor (TI) CS5535 Datasheet HTML 359Page - National Semiconductor (TI) CS5535 Datasheet HTML 360Page - National Semiconductor (TI) CS5535 Datasheet HTML 361Page - National Semiconductor (TI) CS5535 Datasheet HTML 362Page - National Semiconductor (TI) CS5535 Datasheet HTML 363Page - National Semiconductor (TI) CS5535 Datasheet HTML 364Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 555 page
background image
www.national.com
360
Revision 0.8
5.12 UART AND IR PORT REGISTER DESCRIPTIONS
The registers for the UART/IR Controller are divided into
three sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• UART/IR Controller Specific MSRs
• UART/IR Controller Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the UART/IR Controller
Specific MSRs (summarized in Table 5-28) are called out
as 8 bits. The UART/IR Controller treats writes to the upper
56 bits (i.e., bits [63:8]) of the 64-bit MSRs as don’t cares
and always returns 0 on these bits.
The UART/IR Controller Native register set consists of
eight register banks, each containing eight registers, to
control UART operation. All registers use the same 8-byte
address space to indicate I/O Offsets 00h-07h. The Native
registers are accessed via Banks 0 through 7 as I/O Off-
sets. See MSR_LEG_IO (MSR 51400014h) bits [22:20]
and bits [18:16] for setting base address. Each bank and its
offsets are summarized in Table 5-29.
The register summary tables include reset values and page
references where the bit descriptions are provided.
Table 5-28. UART/IR Controller Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51400038h
R/W
UART1 Primary Dongle and Modem Interface
(UART[1]_MOD)
0xh
Page 363
51400039h
R/W
UART1 Secondary Dongle and Status
(UART[1]_DONG)
xxh
Page 364
5140003Ah
R/W
UART1 Interface Configuration (UART[1]_CONF)
42h
Page 365
5140003Bh
R/W
UART1 Reserved MSR (UART[1]_RSVD_MSR) -
Reads return 0; writes have no effect.
00h
---
5140003Ch
R/W
UART2 Primary Dongle and Modem Interface
(UART[2]_MOD)
0xh
Page 363
5140003Dh
R/W
UART2 Secondary Dongle and Status
(UART[2]_DONG)
xxh
Page 364
5140003Eh
R/W
UART2 Interface Configuration (UART[2]_CONF)
42h
Page 365
5140003Fh
R/W
UART2 Reserved MSR (UART[2]_RSVD_MSR) -
Reads return 0; writes have no effect.
00h
---
Table 5-29. UART/IR Controller Native Registers Summary
I/O Offset
Type
Register Name
Reset Value
Reference
Bank 0
00h
RO
Receive Data Port (RXD)
xxh
Page 367
WO
Transmit Data Port (TXD)
xxh
Page 367
01h
R/W
Interrupt Enable Register (IER)
00h
Page 368
02h
RO
Event Identification Register (EIR)
Extended Mode: 22h
Page 369
Non-Extended Mode:
01h
Page 371
WO
FIFO Control Register (FCR)
00h
Page 372
03h
WO
Link Control Register (LCR)
00h
Page 373
R/W
Bank Select Register (BSR)
00h
Page 375
04h
R/W
Modem/Mode Control Register (MCR)
00h
Page 376
05h
RO
Link Status Register (LSR)
60h
Page 377
06h
RO
Modem Status Register (MSR)
x0h
Page 379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com