Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 362 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 362 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 358Page - National Semiconductor (TI) CS5535 Datasheet HTML 359Page - National Semiconductor (TI) CS5535 Datasheet HTML 360Page - National Semiconductor (TI) CS5535 Datasheet HTML 361Page - National Semiconductor (TI) CS5535 Datasheet HTML 362Page - National Semiconductor (TI) CS5535 Datasheet HTML 363Page - National Semiconductor (TI) CS5535 Datasheet HTML 364Page - National Semiconductor (TI) CS5535 Datasheet HTML 365Page - National Semiconductor (TI) CS5535 Datasheet HTML 366Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 555 page
background image
www.national.com
362
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
01h
---
Reserved Register (RSVD)
---
---
02h
R/W
SIR Pulse Width Register (SIR_PW)
00h
Page 392
03h
R/W
Bank Select Register (BSR)
00h
Page 392
04h-07h
---
Reserved Register (RSVD)
---
---
Bank 7
00h
R/W
IR Receiver Demodulator Control Register
(IRRXDC)
29h
Page 393
01h
R/W
IR Transmitter Modulator Control Register
(IRTXMC)
69h
Page 395
02h
R/W
CEIR Configuration Register (RCCFG)
00h
Page 396
03h
R/W
Bank Select Register (BSR)
00h
Page 397
04h
R/W
IR Interface Configuration Register 1 (IRCFG1)
xxh
Page 398
05h-06h
---
Reserved Register (RSVD)
---
---
07h
R/W
IR Interface Configuration 4 Register (IRCFG4)
00h
Page 399
Table 5-29. UART/IR Controller Native Registers Summary (Continued)
I/O Offset
Type
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com