Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 364 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 364 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 360Page - National Semiconductor (TI) CS5535 Datasheet HTML 361Page - National Semiconductor (TI) CS5535 Datasheet HTML 362Page - National Semiconductor (TI) CS5535 Datasheet HTML 363Page - National Semiconductor (TI) CS5535 Datasheet HTML 364Page - National Semiconductor (TI) CS5535 Datasheet HTML 365Page - National Semiconductor (TI) CS5535 Datasheet HTML 366Page - National Semiconductor (TI) CS5535 Datasheet HTML 367Page - National Semiconductor (TI) CS5535 Datasheet HTML 368Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 555 page
background image
www.national.com
364
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.1.2
UART[x] Secondary Dongle and Status (UART[x]_DONG)
UART1 Secondary Dongle and Status (UART[1]_DONG)
UART2 Secondary Dongle and Status (UART[2]_DONG)
UART[x]_DONG is used for secondary identification of the dongle interface, and along with UART[x]_MOD, constitutes a
VDI (virtual dongle interface). The transceivers can also be configured for available mode by driving IRSL[2:0]. This support
is not provided in the current design, but the values of these signals are written in VDI UART[x]_MOD in case there is a
need to know what legacy software writes on IRSL[2:0] bits (via IRCFG1 at I/O Offset 04h in Bank 7). The MSR is readable
by the software so the status of IRSL[2:0] can be known.
Note:
NCH: No Change; INV: Invert.
MSR Address
51400039h
Type
R/W
Reset Value
xxh
MSR Address
5140003Dh
Type
R/W
Reset Value
xxh
UART[x]_DONG Register Map
76
54
32
10
RSVD
IRSL2
IRSL1
IRSL0
ID3_SEC
ID0_SEC
UART[x]_DONG Bit Descriptions
Bit
Name
Description
7:5
RSVD
Reserved. Write as 0.
4:2
IRSL2-IRSL0
(RO)
IRSL[2:0] (Read Only). These bits are reflections of settings in the Transceiver Identifi-
cation and Control (IRIC) bits (Bank 7, I/O Offset 04h[2:0]). Software may read this field
to determine the settings of the virtual IR interface (dongle). See Section 5.12.10.5 "IR
Interface Configuration Register 1 (IRCFG1)" on page 398 for decode.
1
ID3_SEC
Secondary Dongle Control Signal. Secondary virtual dongle configuration bit. See
Table 5-30. Refer to Section 4.11.3 "Dongle Interface" on page 131 for additional informa-
tion.
0
ID0_SEC
Secondary Dongle Control Signal. Secondary virtual dongle configuration bit. See
Table 5-30. Refer to Section 4.11.3 "Dongle Interface" on page 131 for additional informa-
tion.
Table 5-30. Secondary ID Encoding
IRSL2
IRSL1
ID3
ID0
NCH
INV
NCH: No support
INV: 36 kHz demodulation support
(RC-5 and RC-6 protocols)
Reserved
INV
NCH
NCH: No support
INV: 38 kHz demodulation support
(NEC protocol)
NCH: No support
INV: 40 kHz demodulation support
(JVC, Panasonic protocols)
INV
INV
NCH: No support
INV: 56.9 kHz demodulation support
(RCA protocol)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com