Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 366 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 366 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 362Page - National Semiconductor (TI) CS5535 Datasheet HTML 363Page - National Semiconductor (TI) CS5535 Datasheet HTML 364Page - National Semiconductor (TI) CS5535 Datasheet HTML 365Page - National Semiconductor (TI) CS5535 Datasheet HTML 366Page - National Semiconductor (TI) CS5535 Datasheet HTML 367Page - National Semiconductor (TI) CS5535 Datasheet HTML 368Page - National Semiconductor (TI) CS5535 Datasheet HTML 369Page - National Semiconductor (TI) CS5535 Datasheet HTML 370Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 555 page
background image
www.national.com
366
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.2 UART/IR Controller Native Registers
Eight register banks, each containing eight registers, con-
trol UART/IR operation. All registers use the same 8-byte
address space to indicate I/O Offsets 00h-07h. The active
bank must be selected by the software.
The register bank organization enables access to the
banks, as required for activation of all module modes, while
maintaining transparent compatibility with 16450 or 16550
software. This activates only the registers and specific bits
used in those devices.
The Bank Select Register (BSR) selects the active bank
and is common to all banks. Therefore, each bank defines
seven new registers. See Figure 5-1.
The default bank selection after the system reset is 0, plac-
ing the module in UART 16550 mode. Additionally, setting
the baud in Bank 1 (as required to initialize the 16550
UART) switches the module to non-extended UART mode.
This ensures that running existing 16550 software switches
the system to the 16550 configuration without software
modification.
Table 5-31 shows the main functions of the registers in
each bank. Banks 0 to 3 control UART and IR modes of
operation; Banks 4 to 7 control and configure the IR modes
only. Banks 4 to 7 are reserved in UART2.
Figure 5-1. UART Register Bank Architecture
Bank 0
Bank 1
Bank 2
Bank 3
Bank 4
Bank 5
Bank 6
Bank 7
I/O Offset 07h
I/O Offset 06h
I/O Offset 05h
I/O Offset 04h
LCR/BSR
I/O Offset 02h
I/O Offset 01h
I/O Offset 00h
Common
Register
Throughout
All Banks
16550 Banks
Table 5-31. Register Bank Summary
Bank
UART
IR Mode
Main Functions
0
x
x
Global control and status
1
x
x
Legacy bank
2
x
x
Alternative baud generator divisor, extended control, and status
3
x
x
Module revision ID and shadow registers
4
x
IR mode setup
5
x
IR control
6
x
IR physical layer configuration
7
x
CEIR and optical transceiver configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com