Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 370 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 370 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 366Page - National Semiconductor (TI) CS5535 Datasheet HTML 367Page - National Semiconductor (TI) CS5535 Datasheet HTML 368Page - National Semiconductor (TI) CS5535 Datasheet HTML 369Page - National Semiconductor (TI) CS5535 Datasheet HTML 370Page - National Semiconductor (TI) CS5535 Datasheet HTML 371Page - National Semiconductor (TI) CS5535 Datasheet HTML 372Page - National Semiconductor (TI) CS5535 Datasheet HTML 373Page - National Semiconductor (TI) CS5535 Datasheet HTML 374Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 555 page
background image
www.national.com
370
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
EIR Extended Mode Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Read as 0.
5
TXEMP_EV
Transmitter Empty Event. This bit is the same as bit 6 of the LSR (Length Status
Register). It is set to 1 when the transmitter is empty. (Default = 1.)
4DMA_EV
DMA Event. This bit is set to 1 when a DMA terminal count (TC) is activated. It is
cleared upon read.
3
MS_EV
Modem Status Event.
• In UART mode:
— This bit is set to 1 when any of the 0 to 3 bits in the MSR is set to 1.
• In any IR mode:
— The function of this bit depends on the setting of IRMSSL of the IRCR2
register (see Section 5.12.8.2 "IR Control Register 2 (IRCR2)" on page 390).
When IRMSSL is 0, the bit functions as a modem status interrupt event;
when IRMSSL is set to 1, the bit is forced to 0.
2
LS_EV/TXHLT_EV
Link Status Event
• In UART, Sharp-IR and SIR:
— This bit is set to 1 when a receiver error or break condition is reported. When
FIFOs are enabled, the parity error, frame error and break conditions are
reported only when the associated character reaches the bottom of the
RX_FIFO. An overrun error is reported as soon as it occurs.
Link Status Event or Transmitter Halted Event
• In CEIR:
— Set to 1 when the receiver is overrun or the transmitter underrun.
Note:
A high-speed CPU can service the interrupt generated by the last frame
byte reaching the RX_FIFO bottom before that byte is transferred to mem-
ory by the DMA controller. This can happen when the CPU interrupt
latency is shorter than the RX_FIFO timeout. A DMA request is generated
only when the RX_FIFO level reaches the DMA threshold or when a FIFO
timeout occurs, in order to minimize the performance degradation due to
DMA signal handshake sequences. If the DMA controller must be set up
before receiving each frame, the software in the interrupt routine should
make sure that the last byte of the frame received has been transferred to
memory before reinitializing the DMA controller, otherwise that byte could
appear as the first byte of the next frame received.
1
TXLDL_EV
Transmitter Low-Data-Level Event. (Default = 1.)
• FIFOs disabled:
— Set to 1 when the transmitter holding register is empty.
• FIFOs enabled:
— Set to 1 when the TX_FIFO level is below the threshold level.
0
RXHDL_EV
Receiver High-Data-Level Event.
• FIFOs disabled:
— Set to 1 when a character is in the receiver holding register.
• FIFOs enabled:
— Set to 1 when the RX_FIFO is equal to or above threshold or an RX_FIFO
timeout has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com