Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 373 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 373 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 369Page - National Semiconductor (TI) CS5535 Datasheet HTML 370Page - National Semiconductor (TI) CS5535 Datasheet HTML 371Page - National Semiconductor (TI) CS5535 Datasheet HTML 372Page - National Semiconductor (TI) CS5535 Datasheet HTML 373Page - National Semiconductor (TI) CS5535 Datasheet HTML 374Page - National Semiconductor (TI) CS5535 Datasheet HTML 375Page - National Semiconductor (TI) CS5535 Datasheet HTML 376Page - National Semiconductor (TI) CS5535 Datasheet HTML 377Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 555 page
background image
Revision 0.8
373
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.3.4
Link Control/Bank Select Registers
These registers share the same address.
The Link Control Register (LCR) selects the communication format for data transfers in UART, SIR and Sharp-IR modes.
The Bank Select Register (BSR) is used to select the register bank to be accessed next.
Reading the register at this address location returns the content of the BSR. The content of LCR can be read from the
Shadow of Link Control register (SH_LCR) in Bank 3, I/O Offset 01h (see Section 5.12.6.2 on page 388). During a write
operation to this register at this address location, setting of Bank Select Enable (BKSE, bit 7) determines the register to be
accessed, as follows:
• If bit 7 is 0, both LCR and BSR are written into.
• If bit 7 is 1, only BSR is written into and LCR remains unchanged. This prevents the communication format from being
spuriously affected when a bank other than Bank 0 or 1 is accessed.
Link Control Register (LCR)
Bits 6 to 0 are only effective in UART, Sharp-IR and SIR modes. They are ignored in CEIR mode.
I/O Offset
03h
Type
WO
Reset Value
00h
LCR Register Map
76
54
32
10
BKSE
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
LCR Bit Descriptions
Bit
Name
Description
7
BKSE
Bank Select Enable.
0: Register functions as the Link Control register (LCR).
1: Register functions as the Bank Select register (BSR).
6
SBRK
Set Break. Enables or disables a break. During the break, the transmitter can be used as a
character timer to accurately establish the break duration. This bit acts only on the trans-
mitter front end and has no effect on the rest of the transmitter logic. When set to 1, the fol-
lowing occurs:
— If UART mode is selected, the UART[x]_TX pin is forced to a logic 0 state.
— If SIR mode is selected, pulses are issued continuously on the UART[x]_IR_TX pin.
— If Sharp-IR mode is selected and internal modulation is enabled, pulses are issued
continuously on the UART[x]_IR_TX pin.
— If Sharp-IR mode is selected and internal modulation is disabled, the
UART[x]_IR_TX pin is forced to a logic 1 state.
To avoid transmission of erroneous characters as a result of the break, use the following
procedure:
— Wait for the transmitter to be empty (TXEMP = 1).
— Set SBRK to 1.
— Wait for the transmitter to be empty, and clear SBRK to restore normal transmission.
5STKP
Stick Parity. When parity is enabled (PEN is 1), this bit and EPS (bit 4) control the parity
bit (see Table 5-59). This bit has no effect when parity is not enabled.
4
EPS
Even Parity Select. When parity is enabled (PEN is 1), this bit and STKP (bit 5) control the
parity bit (see Table 5-59). This bit has no effect when parity is not enabled.
3
PEN
Parity Enable. This bit enables the parity bit. The parity enable bit is used to produce an
even or odd number of 1s when the data bits and parity bit are summed, as an error detec-
tion device.
0: No parity bit is used (Default).
1: A parity bit is generated by the transmitter and checked by the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com