Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 372 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 372 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 368Page - National Semiconductor (TI) CS5535 Datasheet HTML 369Page - National Semiconductor (TI) CS5535 Datasheet HTML 370Page - National Semiconductor (TI) CS5535 Datasheet HTML 371Page - National Semiconductor (TI) CS5535 Datasheet HTML 372Page - National Semiconductor (TI) CS5535 Datasheet HTML 373Page - National Semiconductor (TI) CS5535 Datasheet HTML 374Page - National Semiconductor (TI) CS5535 Datasheet HTML 375Page - National Semiconductor (TI) CS5535 Datasheet HTML 376Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 555 page
background image
www.national.com
372
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
FIFO Control Register (FCR)
The FIFO Control Register (FCR) is used to enable the FIFOs, clear the FIFOs and set the interrupt threshold levels for the
RX_FIFO and TX_FIFO. FCR can be read through SH_FCR in Bank 3, I/O Offset 02h (see Section 5.12.6.3 on page 388).
I/O Offset
02h
Type
WO
Reset Value
00h
FCR Register Map
76
54
32
10
RXFTH
TXFTH
RSVD
TXSR
RXSR
FIFO_EN
FCR Bit Descriptions
Bit
Name
Description
7:6
RXFTH
RX_FIFO Interrupt Threshold Level. These bits select the RX_FIFO interrupt threshold
level. An interrupt is generated when the level of data in the RX_FIFO is equal to or above
the encoded threshold.
RX_FIFO Interrupt Threshold Level
(16-Level FIFO)
(32-Level FIFO)
00:
1 (Default)
1 (Default)
01:
4
8
10:
8
16
11:
14
26
5:4
TXFTH[1:0]
TX_FIFO Interrupt Threshold Level. In non-extended modes, these bits have no effect.
In extended modes, these bits select the TX_FIFO interrupt threshold level. An interrupt is
generated when the level of data in the TX_FIFO drops below the encoded threshold.
TX_FIFO Interrupt Threshold Level
(16-Level FIFO)
(32-Level FIFO)
00:
1 (Default)
1 (Default)
01:
3
7
10:
9
17
11:
13
25
3
RSVD
Reserved. Write to 0.
2
TXSR
Transmitter Soft Reset. Writing a 1 to this bit generates a transmitter soft reset that clears
the TX_FIFO and the transmitter logic. This bit is automatically cleared by the hardware.
1
RXSR
Receiver Soft Reset. Writing a 1 to this bit generates a receiver soft reset that clears the
RX_FIFO and the receiver logic. This bit is automatically cleared by the hardware.
0FIFO_EN
FIFO_EN (FIFO Enable). When set to 1, this bit enables both the TX_FIFO and
RX_FIFOs. Resetting this bit clears both FIFOs. In CEIR mode, the FIFOs are always
enabled and the setting of this bit is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com