Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 368 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 368 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 364Page - National Semiconductor (TI) CS5535 Datasheet HTML 365Page - National Semiconductor (TI) CS5535 Datasheet HTML 366Page - National Semiconductor (TI) CS5535 Datasheet HTML 367Page - National Semiconductor (TI) CS5535 Datasheet HTML 368Page - National Semiconductor (TI) CS5535 Datasheet HTML 369Page - National Semiconductor (TI) CS5535 Datasheet HTML 370Page - National Semiconductor (TI) CS5535 Datasheet HTML 371Page - National Semiconductor (TI) CS5535 Datasheet HTML 372Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 555 page
background image
www.national.com
368
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.3.2
Interrupt Enable Register (IER)
IER controls the enabling of various interrupts. Some interrupts are common to all operating modes of the functional block,
while others are mode-specific. Bits [7:4] can be set in extended mode only. They are cleared in non-extended mode. When
a bit is set to 1, an interrupt is generated when the corresponding event occurs. In non-extended mode, most events can be
identified by reading the LSR and MSR. The receiver high-data-level event can only be identified by reading the EIR regis-
ter after the corresponding interrupt has been generated. In extended mode, events are identified by event flags in the EIR
register.
The bitmap of the IER varies depending on the operating mode of the functional block. The modes can be divided into the
two groups and is selected via the EXT_SL bit in the EXCR1 register (Bank 2, I/O Offset 02h[0]):
• UART, Sharp-IR, SIR and CEIR in extended mode (EXT_SL = 1)
• UART, Sharp-IR and SIR in non-extended mode (EXT_SL = 0)
IER, Extended Mode: UART, SIR, Sharp-IR and CEIR (EXCR1.EXT_SL = 1)
Notes (Extended Mode Only):
1)
If the interrupt signal drives an edge-sensitive interrupt controller input, it is advisable to disable all interrupts by clear-
ing all the IER bits upon entering the interrupt routine, and re-enable them just before exiting it. This guarantees proper
interrupt triggering in the interrupt controller should one or more interrupt events occur during execution of the interrupt
routine.
2)
If an interrupt source must be disabled, the CPU can do so by clearing the corresponding bit of the IER register. How-
ever, if an interrupt event occurs just before the corresponding enable bit of the IER register is cleared, a spurious inter-
rupt may be generated. To avoid this problem, clearing of any IER bit should be done during execution of the interrupt
service routine. If the interrupt controller is programmed for level-sensitive interrupts, clearing IER bits can be per-
formed outside the interrupt service routine, but with the CPU interrupt disabled.
3)
If the LSR, MSR, or EIR registers are to be polled, the interrupt sources (identified via self-clearing bits) should have
their corresponding IER bits set to 0. This prevents spurious pulses on the interrupt output pin.
I/O Offset
01h
Type
R/W
Reset Value
00h
IER Extended Mode Register Map
76
54
32
10
RSVD
TXEMP_IE
DMA_IE
MS_IE
LS_IE/
TXHLT_IE
TXLDL_IE
RXHDL_IE
IER Extended Mode Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Write as 0.
5
TXEMP_IE
Transmitter Empty Interrupt Enable. Setting this bit to 1 enables transmitter empty
interrupts (in all modes).
4DMA_IE
DMA Interrupt Enable. Setting this bit to 1 enables the interrupt on terminal count
when the DMA is enabled.
3MS_IE
Modem Status Interrupt Enable. Setting this bit to 1 enables the interrupts on modem
status events.
2
LS_IE/TXHLT_IE
Link Status Interrupt Enable/Transmitter Halted Interrupt Enable. Setting this bit
enables link status interrupts and transmitter halted interrupts in CEIR.
1
TXLDL_IE
Transmitter Low-Data-Level Interrupt Enable. Setting this bit to 1 enables interrupts
when the TX_FIFO is below the threshold level or the transmitter holding register is
empty.
0
RXHDL_IE
Receiver High-Data-Level Interrupt Enable. Setting this bit to 1 enables interrupts
when the RXD is full, or the RX_FIFO is equal to or above the RX_FIFO threshold level,
or an RX_FIFO timeout occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com