Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 371 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 371 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 367Page - National Semiconductor (TI) CS5535 Datasheet HTML 368Page - National Semiconductor (TI) CS5535 Datasheet HTML 369Page - National Semiconductor (TI) CS5535 Datasheet HTML 370Page - National Semiconductor (TI) CS5535 Datasheet HTML 371Page - National Semiconductor (TI) CS5535 Datasheet HTML 372Page - National Semiconductor (TI) CS5535 Datasheet HTML 373Page - National Semiconductor (TI) CS5535 Datasheet HTML 374Page - National Semiconductor (TI) CS5535 Datasheet HTML 375Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 555 page
background image
Revision 0.8
371
www.national.com
UART/IR Controller Register Descriptions (Continued)
EIR, Non-Extended Mode (EXCR1.EXT_SL = 0)
In non-extended UART mode, the functional block prioritizes interrupts into four levels. The EIR indicates the highest level
of interrupt that is pending. See Table 5-33 for the encoding of these interrupts.
EIR Non-Extended Mode Register Map
76
54
32
10
FEN1
FEN0
RSVD
RXFT
IPR1
IPR0
IPF
EIR Non-Extended Mode Bit Descriptions
Bit
Name
Description
7:6
FEN[1:0]
FIFOs Enabled.
00: No FIFO enabled (Default).
11: FIFOs enabled (bit 0 of FCR = 1).
01, 10: Reserved.
5:4
RSVD
Reserved. Write to 0.
3RXFT
RX_FIFO Timeout. In the 16450 mode, this bit is always 0. In the 16550 mode (FIFOs
enabled), this bit is set to 1 when an RX_FIFO read timeout has occurred and the associ-
ated interrupt is currently the highest priority pending interrupt.
2:1
IPR[1:0]
Interrupt Priority. When bit 0 (IPF) is 0, these bits indicate the pending interrupt with the
highest priority. (Default = 00). See Table 5-33.
0IPF
Interrupt Pending Flag.
0: Interrupt pending.
1: No interrupt pending (Default).
Table 5-33. EIR Non-Extended Mode Interrupt Priorities
EIR
Bits[3:0]
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset Control
0001
N/A
None
None
N/A
0110
Highest
Link Status
Parity error, framing error, data over-
run or break event.
Read Link Status Register (LSR).
0100
Second
Receiver High
Data Level Event
Receiver Holding Register (RXD) is
full, or RX_FIFO level is equal to or
above the threshold.
Reading the RXD or RX_FIFO
level drops below threshold.
1100
Second
RX_FIFO Timeout
At least one character is in the
RX_FIFO, and no character has
been input to or read from the
RX_FIFO for four character times.
Reading the RXD port.
0010
Third
Transmitter Low
Data Level Event
Transmitter Holding Register or
TX_FIFO empty.
Reading the Event Identification
Register (EIR) if this interrupt is
currently the highest priority
pending interrupt, or writing into
the TXD port.
0000
Fourth
Modem Status
Any transition on CTS, DSR or DCD
or a high-to-low transition on RI.
Reading the Modem Status Reg-
ister (MSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com