Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 374 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 374 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 370Page - National Semiconductor (TI) CS5535 Datasheet HTML 371Page - National Semiconductor (TI) CS5535 Datasheet HTML 372Page - National Semiconductor (TI) CS5535 Datasheet HTML 373Page - National Semiconductor (TI) CS5535 Datasheet HTML 374Page - National Semiconductor (TI) CS5535 Datasheet HTML 375Page - National Semiconductor (TI) CS5535 Datasheet HTML 376Page - National Semiconductor (TI) CS5535 Datasheet HTML 377Page - National Semiconductor (TI) CS5535 Datasheet HTML 378Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 555 page
background image
www.national.com
374
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
2STB
Stop Bits. This bit specifies the number of stop bits transmitted with each serial character.
0: One stop is bit generated (Default).
1: If the data length is set to 5 bits via bits [1:0] (WLS[1:0]), 1.5 stop bits are generated. For
6-, 7- or 8-bit word lengths, 2 stop bits are transmitted. The receiver checks for 1 stop bit
only, regardless of the number of stop bits selected.
1:0
WLS[1:0]
Character Length Select [1:0]. These bits specify the number of data bits in each trans-
mitted or received serial character.
00: 5 (Default)
01: 6
10: 7
11: 8
Table 5-34. Bit Settings for Parity Control
PEN
EPS
STKP
Selected Parity Bit
0x
x
None
10
0
Odd
11
0
Even
1
0
1
Logic 1
1
1
1
Logic 0
LCR Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com