Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 461 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 461 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 457Page - National Semiconductor (TI) CS5535 Datasheet HTML 458Page - National Semiconductor (TI) CS5535 Datasheet HTML 459Page - National Semiconductor (TI) CS5535 Datasheet HTML 460Page - National Semiconductor (TI) CS5535 Datasheet HTML 461Page - National Semiconductor (TI) CS5535 Datasheet HTML 462Page - National Semiconductor (TI) CS5535 Datasheet HTML 463Page - National Semiconductor (TI) CS5535 Datasheet HTML 464Page - National Semiconductor (TI) CS5535 Datasheet HTML 465Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 555 page
background image
Revision 0.8
461
www.national.com
GPIO Subsystem Register Descriptions (Continued)
GPIO High Bank Event Counter Decrement (GPIOL_EVNTCNT_DEC)
GPIO I/O Offset
FCh
Type
R/W
Reset Value
00000000h
GPIOH_EVNTCNT_DEC Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
GPIOH_EVNTCNT_DEC Bit Descriptions
Bit
Name
Description
31:13
RSVD
Reserved. Write/read as 0.
12
ECD28
GPIO28 Event Counter Decrement. Writing this bit high generates a decrement pulse to
the event counter that has been associated with this GPIO. There is no need to write the bit
low again. This bit will always read as low. Event counters are associated with specific
GPIOs via the GPIO_FE[x]_SEL register set.
11
ECD27
GPIO27 Event Counter Decrement. Same as EDC28 (bit 12).
10
ECD26
GPIO26 Event Counter Decrement. Same as EDC28 (bit 12).
9
ECD25
GPIO25 Event Counter Decrement. Same as EDC28 (bit 12).
8
ECD24
GPIO24 Event Counter Decrement. Same as EDC28 (bit 12).
7
RSVD
Reserved. Write/read as 0.
6
ECD22
GPIO22 Event Counter Decrement. Same as EDC28 (bit 12).
5
ECD21
GPIO21 Event Counter Decrement. Same as EDC28 (bit 12).
4
ECD20
GPIO20 Event Counter Decrement. Same as EDC28 (bit 12).
3
ECD19
GPIO19 Event Counter Decrement. Same as EDC28 (bit 12).
2
ECD18
GPIO18 Event Counter Decrement. Same as EDC28 (bit 12).
1
ECD17
GPIO17 Event Counter Decrement. Same as EDC28 (bit 12).
0
ECD16
GPIO16 Event Counter Decrement. Same as EDC28 (bit 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com