Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 462 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 462 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 458Page - National Semiconductor (TI) CS5535 Datasheet HTML 459Page - National Semiconductor (TI) CS5535 Datasheet HTML 460Page - National Semiconductor (TI) CS5535 Datasheet HTML 461Page - National Semiconductor (TI) CS5535 Datasheet HTML 462Page - National Semiconductor (TI) CS5535 Datasheet HTML 463Page - National Semiconductor (TI) CS5535 Datasheet HTML 464Page - National Semiconductor (TI) CS5535 Datasheet HTML 465Page - National Semiconductor (TI) CS5535 Datasheet HTML 466Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 555 page
background image
www.national.com
462
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.4 GPIO Interrupt and PME Registers
There are four 32-bit registers in the mapper used for GPIO INT (Interrupt) and PME (Power Management Event) mapping.
These registers connect any GPIO to one of eight PIC interrupts or to one of eight PME inputs.
1)
GPIO_MAP_W: Maps 8 final inputs ([31:24] of 32 final inputs).
2)
GPIO_MAP_Z: Maps 8 final inputs ([23:16] of 32 final inputs).
3)
GPIO_MAP_Y: Maps 8 final inputs ([15:8] of 32 final inputs).
4)
GPIO_MAP_X: Maps 8 final inputs ([7:0] of 32 final inputs).
The MAP registers setup the routing of the final inputs to either GPIO_INT[7:0] or GPIO_PME[7:0]. The four registers con-
tain 32 4-bit fields, that is a nibble for each final input. Each nibble contains the following control bits:
• PME_SEL: Located in MSB of the nibble and directs the final input to INT when low. If high, the final input is directed to
PME outputs.
• MAP_SEL: These bits determine which bit in the output field the final input is directed to (i.e., either (GPIO_INT[7:0]) or
GPIO_PME[7:0]).
5.16.4.1
GPIO Mapper W (GPIO_MAP_W)
GPIO I/O Offset
ECh
Type
R/W
Reset Value
00000000h
GPIO_MAP_W Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
MAP_
SEL_28
MAP_
SEL_27
MAP_
SEL_26
MAP_
SEL_25
MAP_
SEL_24
GPIO_MAP_W Bit Descriptions
Bit
Name
Description
31:20
RSVD
Reserved. Write as 0.
19
PME_SEL_28
GPIO28 PME Select. Selects where to map GPIO28.
0: INT (Interrupt).
1: PME (Power Management Event).
18:16
MAP_SEL_28
GPIO28 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO28
should be mapped to.
000: Bit 0
010: Bit 2
100: Bit 4
110: Bit 6
001: Bit 1
011: Bit 3
101: Bit 5
111: Bit 7
15
PME_SEL_27
GPIO27 PME Select. Selects where to map GPIO27. See bit 19 for decode.
14:12
MAP_SEL_27
GPIO27 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO27
should be mapped to. See bits [18:16] for decode.
11
PME_SEL_26
GPIO26 PME Select. Selects where to map GPIO26. See bit 19 for decode.
10:8
MAP_SEL_26
GPIO18 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO26
should be mapped to. See bits [18:16] for decode.
7
PME_SEL_25
GPIO25 PME Select. Selects where to map GPIO25. See bit 19 for decode.
6:4
MAP_SEL_25
GPIO25 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO25
should be mapped to. See bits [18:16] for decode.
3
PME_SEL_24
GPIO24 PME Select. Selects where to map GPIO16. See bit 19 for decode.
2:0
MAP_SEL_24
GPIO24 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO16
should be mapped to. See bits [18:16] for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com