Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 464 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 464 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 460Page - National Semiconductor (TI) CS5535 Datasheet HTML 461Page - National Semiconductor (TI) CS5535 Datasheet HTML 462Page - National Semiconductor (TI) CS5535 Datasheet HTML 463Page - National Semiconductor (TI) CS5535 Datasheet HTML 464Page - National Semiconductor (TI) CS5535 Datasheet HTML 465Page - National Semiconductor (TI) CS5535 Datasheet HTML 466Page - National Semiconductor (TI) CS5535 Datasheet HTML 467Page - National Semiconductor (TI) CS5535 Datasheet HTML 468Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 555 page
background image
www.national.com
464
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.4.3
GPIO Mapper Y (GPIO_MAP_Y)
GPIO I/O Offset
E4h
Type
R/W
Reset Value
00000000h
GPIO_MAP_Y Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
MAP_
SEL_15
MAP_
SEL_14
MAP_
SEL_13
MAP_
SEL_12
MAP_
SEL_11
MAP_
SEL_10
MAP_
SEL_9
MAP_
SEL_8
GPIO_MAP_Y Bit Descriptions
Bit
Name
Description
31
PME_SEL_15
GPIO15 PME Select. Selects where to map GPIO15.
0: INT (Interrupt).
1: PME (Power Management Event).
30:28
MAP_SEL_15
GPIO15 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO15
should be mapped to.
000: Bit 0
010: Bit 2
100: Bit 4
110: Bit 6
001: Bit 1
011: Bit 3
101: Bit 5
111: Bit 7
27
PME_SEL_14
GPIO14 PME Select. Selects where to map GPIO14. See bit 31 for decode.
26:24
MAP_SEL_14
GPIO14 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO14
should be mapped to. See bits [30:28] for decode.
23
PME_SEL_13
GPIO13 PME Select. Selects where to map GPIO13. See bit 31 for decode.
22:20
MAP_SEL_13
GPIO13 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO13
should be mapped to. See bits [30:28] for decode.
19
PME_SEL_12
GPIO12 PME Select. Selects where to map GPIO12. See bit 31 for decode.
18:16
MAP_SEL_12
GPIO12 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO12
should be mapped to. See bits [30:28] for decode.
15
PME_SEL_11
GPIO11 PME Select. Selects where to map GPIO11. See bit 31 for decode.
14:12
MAP_SEL_11
GPIO11 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO11
should be mapped to. See bits [30:28] for decode.
11
PME_SEL_10
GPIO10 PME Select. Selects where to map GPIO10. See bit 31 for decode.
10:8
MAP_SEL_10
GPIO10 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO10
should be mapped to. See bits [30:28] for decode.
7
PME_SEL_9
GPIO9 PME Select. Selects where to map GPIO9. See bit 31 for decode.
6:4
MAP_SEL_9
GPIO9 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO9 should
be mapped to. See bits [30:28] for decode.
3
PME_SEL_8
GPIO8 PME Select. Selects where to map GPIO8. See bit 31 for decode.
2:0
MAP_SEL_8
GPIO8 Map Select. Selects which bit of in the output field (i.e., INT or PME) GPIO8 should
be mapped to. See bits [30:28] for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com