Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 467 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 467 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 463Page - National Semiconductor (TI) CS5535 Datasheet HTML 464Page - National Semiconductor (TI) CS5535 Datasheet HTML 465Page - National Semiconductor (TI) CS5535 Datasheet HTML 466Page - National Semiconductor (TI) CS5535 Datasheet HTML 467Page - National Semiconductor (TI) CS5535 Datasheet HTML 468Page - National Semiconductor (TI) CS5535 Datasheet HTML 469Page - National Semiconductor (TI) CS5535 Datasheet HTML 470Page - National Semiconductor (TI) CS5535 Datasheet HTML 471Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 555 page
background image
Revision 0.8
467
www.national.com
MFGPT Register Descriptions (Continued)
5.17.1 MFGPT Specific MSRs
This register connects the MFGPT Comparator 1 and 2 outputs to the Interrupt Mapper.
5.17.1.1
MFGPT IRQ Mask (MFGPT_IRQ)
2Ah
R/W
16
MFGPT5 Comparator 2 (MFGPT5_CMP2)
0000h
Page 473
2Ch
R/W
16
MFGPT5 Up Counter (MFGPT5_CNT)
0000h
Page 474
2Eh
R/W
16
MFPGT5 Setup (MFGPT5_SETUP)
0000h
Page 475
30h
R/W
16
MFGPT6 Comparator 1 (MFGPT6_CMP1)
0000h
Page 472
32h
R/W
16
MFGPT6 Comparator 2 (MFGPT6_CMP2)
0000h
Page 473
34h
R/W
16
MFGPT6 Up Counter (MFGPT6_CNT)
0000h
Page 474
36h
R/W
16
MFPGT6 Setup (MFGPT6_SETUP)
0000h
Page 475
38h
R/W
16
MFGPT7 Comparator 1 (MFGPT7_CMP1)
0000h
Page 472
3Ah
R/W
16
MFGPT7 Comparator 2 (MFGPT7_CMP2)
0000h
Page 473
3Ch
R/W
16
MFGPT7 Up Counter (MFGPT7_CNT)
0000h
Page 474
3Eh
R/W
16
MFPGT7 Setup (MFGPT7_SETUP)
0000h
Page 475
MSR Address
51400028h
Type
R/W
Reset Value
00000000h
MFGPT_IRQ Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
MFGPT_IRQ Bit Descriptions
Bit
Name
Description
31:16
RSVD
Reserved. Writes are don’t cares.
15
MFGPT7_C2_IRQM
Enable MFGPT7 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 7.
The other bit in the ORed pair is bit 11, MFGPT3_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
14
MFGPT6_C2_IRQM
Enable MFGPT6 Comparator 2 Output to the Interrupt Mapper. When set high,
this input becomes one of two, ORed together, to form “Unrestricted Sources Z”, bit 6.
The other bit in the ORed pair is bit 10, MFGPT2_C2_IRQM. The Unrestricted
Sources Z are detailed in Table 4-14 "IRQ Map - Unrestricted Sources Z" on page
105. When cleared low, this MFGPT output does not contribute to the Unrestricted
Sources Z interrupt.
Table 5-65. MFGPT Native Registers Summary (Continued)
MFGPT
I/O Offset
Type
Width
(Bits)
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com