Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 470 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 470 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 466Page - National Semiconductor (TI) CS5535 Datasheet HTML 467Page - National Semiconductor (TI) CS5535 Datasheet HTML 468Page - National Semiconductor (TI) CS5535 Datasheet HTML 469Page - National Semiconductor (TI) CS5535 Datasheet HTML 470Page - National Semiconductor (TI) CS5535 Datasheet HTML 471Page - National Semiconductor (TI) CS5535 Datasheet HTML 472Page - National Semiconductor (TI) CS5535 Datasheet HTML 473Page - National Semiconductor (TI) CS5535 Datasheet HTML 474Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 555 page
background image
www.national.com
470
Revision 0.8
MFGPT Register Descriptions (Continued)
29
MFGPT5_C2_RSTEN
MFGPT5 Comparator 2 Reset Enable. Allow MFGPT5 Comparator 2 output to
cause a hard reset. 0: Disable; 1: Enable.
28
MFGPT4_C2_RSTEN
MFGPT4 Comparator 2 Reset Enable. Allow MFGPT4 Comparator 2 output to
cause a hard reset. 0: Disable; 1: Enable.
27
MFGPT3_C2_RSTEN
MFGPT3 Comparator 2 Reset Enable. Allow MFGPT3 Comparator 2 output to
cause a hard reset. 0: Disable; 1: Enable.
26
MFGPT2_C2_RSTEN
MFGPT2 Comparator 2 Reset Enable. Allow MFGPT2 Comparator 2 output to
cause a hard reset. 0: Disable; 1: Enable.
25
MFGPT1_C2_RSTEN
MFGPT1 Comparator 2 Reset Enable. Allow MFGPT1 Comparator 2 output to
cause a hard reset. 0: Disable; 1: Enable.
24
MFGPT0_C2_RSTEN
MFGPT0 Comparator 2 Reset Enable. Allow MFGPT0 Comparator 2 output to
cause a hard reset. 0: Disable; 1: Enable.
23:17
RSVD
Reserved. Writes are don’t care; reads return 0.
16
NMI_LEG
Legacy NMI. Allow legacy NMI mask bit (bit 7 of RTC register at I/O Address 070h) to
gate NMI. 0: Disable; 1: Enable.
15
MFGPT7_C2_NMIM
MFGPT7 Comparator 2 NMI Enable. Allow MFGPT7 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
14
MFGPT6_C2_NMIM
MFGPT6 Comparator 2 NMI Enable. Allow MFGPT6 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
13
MFGPT5_C2_NMIM
MFGPT5 Comparator 2 NMI Enable. Allow MFGPT5 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
12
MFGPT4_C2_NMIM
MFGPT4 Comparator 2 NMI Enable. Allow MFGPT4 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
11
MFGPT3_C2_NMIM
MFGPT3 Comparator 2 NMI Enable. Allow MFGPT3 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
10
MFGPT2_C2_NMIM
MFGPT2 Comparator 2 NMI Enable. Allow MFGPT2 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
9
MFGPT1_C2_NMIM
MFGPT1 Comparator 2 NMI Enable. Allow MFGPT1 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
8
MFGPT0_C2_NMIM
MFGPT0 Comparator 2 NMI Enable. Allow MFGPT0 Comparator 2 output to cause
an NMI. 0: Disable; 1: Enable.
7
MFGPT7_C1_NMIM
MFGPT7 Comparator 1 NMI Enable. Allow MFGPT7 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
6
MFGPT6_C1_NMIM
MFGPT6 Comparator 1 NMI Enable. Allow MFGPT6 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
5
MFGPT5_C1_NMIM
MFGPT5 Comparator 1 NMI Enable. Allow MFGPT5 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
4
MFGPT4_C1_NMIM
MFGPT4 Comparator 1 NMI Enable. Allow MFGPT4 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
3
MFGPT3_C1_NMIM
MFGPT3 Comparator 1 NMI Enable. Allow MFGPT3 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
2
MFGPT2_C1_NMIM
MFGPT2 Comparator 1 NMI Enable. Allow MFGPT2 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
1
MFGPT1_C1_NMIM
MFGPT1 Comparator 1 NMI Enable. Allow MFGPT1 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
0
MFGPT0_C1_NMIM
MFGPT0 Comparator 1 NMI Enable. Allow MFGPT0 Comparator 1 output to cause
an NMI. 0: Disable; 1: Enable.
MFGPT_NR Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com