Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 466 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 466 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 462Page - National Semiconductor (TI) CS5535 Datasheet HTML 463Page - National Semiconductor (TI) CS5535 Datasheet HTML 464Page - National Semiconductor (TI) CS5535 Datasheet HTML 465Page - National Semiconductor (TI) CS5535 Datasheet HTML 466Page - National Semiconductor (TI) CS5535 Datasheet HTML 467Page - National Semiconductor (TI) CS5535 Datasheet HTML 468Page - National Semiconductor (TI) CS5535 Datasheet HTML 469Page - National Semiconductor (TI) CS5535 Datasheet HTML 470Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 555 page
background image
www.national.com
466
Revision 0.8
5.17 MULTI-FUNCTION GENERAL PURPOSE TIMER REGISTER DESCRIPTIONS
The registers for the Multi-Function General Purpose Timer
(MFGPT) are divided into three sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• MFGPT Specific MSRs
• MFGPT Native Registers.
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the MFGPT Specific MSRs
(summarized in Table 5-64) are called out as 32 bits. The
MFGPT module treats writes to the upper 32 bits (i.e., bits
[63:32]) of the 64-bit MSRs as don’t cares and always
returns 0 on these bits.
The Native registers associated with the MFGPT (summa-
rized in Table 5-65) are accessed via a Base Address Reg-
ister, MSR_LBAR_MFGPT (MSR 5140000Dh), as I/O
Offsets. (See Section 5.6.2.6 on page 311 for bit descrip-
tions of the Base Address Register.)
The reference column in the summary tables point to the
page where the register maps and bit descriptions are
listed.
Table 5-64. MFGPT Specific MSRs Summary
MSR Address
Type
Register Name
Reset Value
Reference
51400028h
R/W
MFGPT IRQ Mask (MFGPT_IRQ)
00000000h
Page 467
51400029h
R/W
MFGPT NMI and Reset Mask (MFGPT_NR)
00000000h
Page 469
5140002Ah
R/W
MFGPT Reserved (MFGPT_RSVD)
00000000h
Page 471
5140002Bh
WO
MFGPT Clear Setup Test (MFGPT_SETUP)
00000000h
Page 471
Table 5-65. MFGPT Native Registers Summary
MFGPT
I/O Offset
Type
Width
(Bits)
Register Name
Reset Value
Reference
00h
R/W
16
MFGPT0 Comparator 1 (MFGPT0_CMP1)
0000h
Page 472
02h
R/W
16
MFGPT0 Comparator 2 (MFGPT0_CMP2)
0000h
Page 473
04h
R/W
16
MFGPT0 Up Counter (MFGPT0_CNT)
0000h
Page 474
06h
R/W
16
MFPGT0 Setup (MFGPT0_SETUP)
0000h
Page 475
08h
R/W
16
MFGPT1 Comparator 1 (MFGPT1_CMP1)
0000h
Page 472
0Ah
R/W
16
MFGPT1 Comparator 2 (MFGPT1_CMP2)
0000h
Page 473
0Ch
R/W
16
MFGPT1 Up Counter (MFGPT1_CNT)
0000h
Page 474
0Eh
R/W
16
MFPGT1 Setup (MFGPT1_SETUP)
0000h
Page 475
10h
R/W
16
MFGPT2 Comparator 1 (MFGPT2_CMP1)
0000h
Page 472
12h
R/W
16
MFGPT2 Comparator 2 (MFGPT2_CMP2)
0000h
Page 473
14h
R/W
16
MFGPT2 Up Counter (MFGPT2_CNT)
0000h
Page 474
16h
R/W
16
MFPGT2 Setup (MFGPT2_SETUP)
0000h
Page 475
18h
R/W
16
MFGPT3 Comparator 1 (MFGPT3_CMP1)
0000h
Page 472
1Ah
R/W
16
MFGPT3 Comparator 2 (MFGPT3_CMP2)
0000h
Page 473
1Ch
R/W
16
MFGPT3 Up Counter (MFGPT3_CNT)
0000h
Page 474
1Eh
R/W
16
MFPGT3 Setup (MFGPT3_SETUP)
0000h
Page 475
20h
R/W
16
MFGPT4 Comparator 1 (MFGPT4_CMP1)
0000h
Page 472
22h
R/W
16
MFGPT4 Comparator 2 (MFGPT4_CMP2)
0000h
Page 473
24h
R/W
16
MFGPT4 Up Counter (MFGPT4_CNT)
0000h
Page 474
26h
R/W
16
MFPGT4 Setup (MFGPT4_SETUP)
0000h
Page 475
28h
R/W
16
MFGPT5 Comparator 1 (MFGPT5_CMP1)
0000h
Page 472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com