Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 485 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 485 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 481Page - National Semiconductor (TI) CS5535 Datasheet HTML 482Page - National Semiconductor (TI) CS5535 Datasheet HTML 483Page - National Semiconductor (TI) CS5535 Datasheet HTML 484Page - National Semiconductor (TI) CS5535 Datasheet HTML 485Page - National Semiconductor (TI) CS5535 Datasheet HTML 486Page - National Semiconductor (TI) CS5535 Datasheet HTML 487Page - National Semiconductor (TI) CS5535 Datasheet HTML 488Page - National Semiconductor (TI) CS5535 Datasheet HTML 489Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 555 page
background image
Revision 0.8
485
www.national.com
PMC Register Descriptions (Continued)
5.18.2.7
General Purpose Events Enable 0 (PM_GPE0_EN)
PM_GPE0_EN is the Enable register for General Purpose Events. Reads always return the value written. By convention,
bits [23:0] are associated with the Working domain while bits [31:24] are associated with the Standby domain. During
Standby, bits [23:0] are unconditionally cleared. PME status can be read via the corresponding FLAG bit in the
PM_GPE0_STS register (ACPI I/O Offset 18h).
5
USBC1_PME_
FLAG
USB Controller #1 PME Flag. If high, this bit records that a PME occurred via USB
Controller #1. Both this bit and the corresponding enable bit in
PM_GPE0_EN (ACPI
I/O Offset 1Ch[5]) must be high in order for this PME to be passed on to the system.
Write 1 to clear; writing 0 has no effect.
4
UART2_PME_
FLAG
UART #2 PME Flag. If high, this bit records that a PME occurred via UART #2. Both
this bit and the corresponding enable bit in
PM_GPE0_EN (ACPI I/O Offset 1Ch[4])
must be high in order for this PME to be passed on to the system. Write 1 to clear; writ-
ing 0 has no effect.
3
UART1_PME_
FLAG
UART #1 PME Flag. If high, this bit records that a PME occurred via UART #1. Both
this bit and the corresponding enable bit in
PM_GPE0_EN (ACPI I/O Offset 1Ch[3])
must be high in order for this PME to be passed on to the system. Write 1 to clear; writ-
ing 0 has no effect.
2
SMB_PME_
FLAG
SMB PME Flag. If high, this bit records that a PME occurred via the SMB. Both this bit
and the corresponding enable bit in
PM_GPE0_EN (ACPI I/O Offset 1Ch[2]) must be
high in order for this PME to be passed on to the system. Write 1 to clear; writing 0 has
no effect.
1
PIC_ASMI_PME_
FLAG
PIC ASMI PME Flag. If high, this bit records that a PME occurred due to a PIC ASMI.
Both this bit and the corresponding enable bit in
PM_GPE0_EN (ACPI I/O Offset
1Ch[1]) must be high in order for this PME to be passed on to the system. Write 1 to
clear; writing 0 has no effect.
0
PIC_IRQ_PME_
FLAG
PIC Interrupt PME Flag. If high, this bit records that a PME occurred due to a PIC
Interrupt. Both this bit and the corresponding enable bit in
PM_GPE0_EN (ACPI I/O
Offset 1Ch[0]) must be high in order for this PME to be passed on to the system. Write
1 to clear; writing 0 has no effect.
ACPI I/O Offset
1Ch
Type
R/W
Reset Value
00000000h
PM_GPE0_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RSVD
PM_GPE0_EN Bit Descriptions
Bit
Name
Description
31
GPIOM7_PME_
EN
GPIO IRQ/PME Mapper Bit 7 PME Enable. When set high, this bit enables the gener-
ation of a PME to the system if a PME occurs via bit 7 of the GPIO IRQ/PME mapper.
Write this bit low to disable the generation of a PME from this source.
PM_GPE0_STS Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com