Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 481 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 481 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 477Page - National Semiconductor (TI) CS5535 Datasheet HTML 478Page - National Semiconductor (TI) CS5535 Datasheet HTML 479Page - National Semiconductor (TI) CS5535 Datasheet HTML 480Page - National Semiconductor (TI) CS5535 Datasheet HTML 481Page - National Semiconductor (TI) CS5535 Datasheet HTML 482Page - National Semiconductor (TI) CS5535 Datasheet HTML 483Page - National Semiconductor (TI) CS5535 Datasheet HTML 484Page - National Semiconductor (TI) CS5535 Datasheet HTML 485Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 555 page
background image
Revision 0.8
481
www.national.com
PMC Register Descriptions (Continued)
5.18.2.2
PM Enable 1 (PM1_EN)
PM1_EN is the Enable register for Timer Carry, Button, and RTC Alarm wakeup events. All bits in this register are cleared
by the Standby state except bits 10 and 8. They maintain their state through Standby. All bits in this register return the value
written when read, except for the Reserved bits.
If enabled, any of the SCIs cause a wakeup event if the system state is Sleep or Standby (except TMR and GBL).
5.18.2.3
PM Control 1 (PM1_CNT)
PM1_CNT is the Control register for global and the Sleep state settings.
ACPI I/O Offset
02h
Type
R/W
Reset Value
0100h
PM1_EN Register Map
15
14
13
12
11
10
9
8
76
5432
10
RSVD
RTC_
EN
SLPBTN
_EN
PWRBTN
_EN
RSVD
GLB_
EN
RSVD
TMR_
EN
PM1_EN Bit Descriptions
Bit
Name
Description
15:11
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads return 0
value.
10
RTC_EN
Real-Time Clock SCI Enable. Enables generating an SCI when RTC_FLAG (ACPI I/O
Offset 00h[10]) gets set. Also enables wakeup from this event. 0: Disable; 1: Enable.
9
SLPBTN_EN
Sleep Button SCI Enable. Enables generating an SCI when SLPBTN_FLAG (ACPI
I/O Offset 00h[9]) gets set. Also enables wakeup from this event. 0: Disable; 1: Enable.
8
PWRBTN_EN
Power Button SCI Enable. Enables generating an SCI when PWRBTN_FLAG (ACPI
I/O Offset 00h[8]) gets set. Also enables wakeup from this event. 0: Disable;
1: Enable (Default).
7:6
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads return 0
value.
5
GLB_EN
Global Enable. Enables generating an SCI when GLB_FLAG (ACPI I/O Offset 00h[5])
gets set. There is no wakeup concept for this event. 0: Disable; 1: Enable.
4:1
RSVD
Reserved. By convention write 0, but other values are “don’t care”. Reads return 0
value.
0TMR_EN
Timer SCI Enable. Enables generating an SCI when TMR_FLAG (ACPI I/O Offset
00h[0]) gets set. There is no wakeup concept for this event 0: Disable; 1: Enable.
ACPI I/O Offset
08h
Type
R/W
Reset Value
0000h
PM1_CNT Register Map
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RSVD
SLP_EN
SLP_TYPx
IGNORE
RSVD
GBL_
RLS
BM_
RLD
SCI_
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com