Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 477 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 477 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 473Page - National Semiconductor (TI) CS5535 Datasheet HTML 474Page - National Semiconductor (TI) CS5535 Datasheet HTML 475Page - National Semiconductor (TI) CS5535 Datasheet HTML 476Page - National Semiconductor (TI) CS5535 Datasheet HTML 477Page - National Semiconductor (TI) CS5535 Datasheet HTML 478Page - National Semiconductor (TI) CS5535 Datasheet HTML 479Page - National Semiconductor (TI) CS5535 Datasheet HTML 480Page - National Semiconductor (TI) CS5535 Datasheet HTML 481Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 555 page
background image
Revision 0.8
477
www.national.com
5.18 POWER MANAGEMENT CONTROLLER REGISTER DESCRIPTIONS
The registers for the Power Management Controller (PMC)
are divided into four sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• PMC Specific MSRs
• ACPI Registers
• PM Support Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the PMC Specific MSRs
(summarized in Table 5-66) are called out as 32 bits. The
PMC module treats writes to the upper 32 bits (i.e., bits
[63:32]) of the 64-bit MSRs as don’t cares and always
returns 0 on these bits.
The configuration registers associated with the PMC are
divided into two categories: ACPI registers (summarized in
Table 5-67) and PM Support registers (summarized in
Table 5-68 on page 478):
• The ACPI registers are accessed via Base Address
Register, MSR_LBAR_ACPI (MSR 5140000Eh), as I/O
Offsets. (See Section 5.6.2.7 on page 311 for bit
descriptions of the Base Address Register.)
• The PM Support registers are accessed via a Base
Address Register, MSR_LBAR_PMS (MSR
5140000Fh), as I/O Offsets. (See Section 5.6.2.8 on
page 312 for bit descriptions of the Base Address
Register.)
The reference column in the summary tables point to the
page where the register maps and bit descriptions are
listed.
Table 5-66. PMC Specific MSRs Summary
MSR
Address
Type
Register Name
Power
Domain
Reset
Value
Reference
51400050h
R/W
PMC Logic Timer (PMC_LTMR)
Working
00000000h
Page 479
51400051h
R/W
PMC Reserved (PMC_RSVD)
No f/flops
00000000h
Page 479
Table 5-67. ACPI Registers Summary
ACPI
I/O Offset
Type
Width
(Bits)
Register Name
Power
Domain
Reset
Value
Reference
00h
R/W
16
PM Status 1 (PM1_STS) (Note 1 and
Note 2)
Note 1. Required ACPI register.
Note 2. Both PM1_STS and PM1_EN access Offset 00h when using 32-bit access.
Only PM1_STS with a 16-bit access to Offset 00h.
Only PM1_EN with a 16-bit access to Offset 02h.
Offset 04h is reserved. Reads return 0.
Standby
0000h
Page 479
02h
R/W
16
PM Enable 1 (PM1_EN) (Note 1 and
Note 2)
Standby
0100h
Page 481
08h
R/W
16
PM Control 1 (PM1_CNT) (Note 1 and
Note 3)
Note 3. SSMI may be implemented on this register by decode hardware outside of PM module.
Working
0000h
Page 481
0Ch
R/W
16
PM Control 2 (PM2_CNT) (Note 4)
Note 4. Optional ACPI register. SSMI may be implemented on this register by decode hardware outside of PM module.
Working
0000h
Page 482
10h
RO
32
PM Timer (PM_TMR) (Note 1)
Working
0000h
Page 483
14h
R/W
32
PM Reserved (PM_RSVD)
No f/flops
0000h
---
18h
R/W
32
General Purpose Events Status 0
(PM_GPE0_STS) (Note 5)
Note 5. Required ACPI register that can also be implemented via a control method.
Standby
00000000h
Page 483
1Ch
R/W
32
General Purpose Events Enable 0
(PM_GPE0_EN) (Note 5)
Standby
00000000h
Page 485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com