Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 478 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 478 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 474Page - National Semiconductor (TI) CS5535 Datasheet HTML 475Page - National Semiconductor (TI) CS5535 Datasheet HTML 476Page - National Semiconductor (TI) CS5535 Datasheet HTML 477Page - National Semiconductor (TI) CS5535 Datasheet HTML 478Page - National Semiconductor (TI) CS5535 Datasheet HTML 479Page - National Semiconductor (TI) CS5535 Datasheet HTML 480Page - National Semiconductor (TI) CS5535 Datasheet HTML 481Page - National Semiconductor (TI) CS5535 Datasheet HTML 482Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 555 page
background image
www.national.com
478
Revision 0.8
PMC Register Descriptions (Continued)
Table 5-68. PM Support Registers Summary
PMS
I/O Offset
Type
Width
(Bits)
Register Name
Power
Domain
Reset
Value
Reference
00h
R/W
16
PM Sleep Start Delay (PM_SSD)
Working
0000h
Page 487
04h
R/W
32
PM Sleep Control X Assert Delay and
Enable (PM_SCXA)
Working
00000000h
Page 487
08h
R/W
32
PM Sleep Control Y Assert Delay and
Enable (PM_SCYA)
Working
00000000h
Page 488
0Ch
R/W
32
PM Sleep Output Disable Assert
Delay and Enable
(PM_OUT_SLPCTL)
Working
00000000h
Page 488
10h
R/W
32
PM Sleep Clock Delay and Enable
(PM_SCLK)
Working
00000000h
Page 489
14h
R/W
32
PM Sleep End Delay (PM_SED)
Working
00000000h
Page 490
18h
R/W
32
PM Sleep Control X De-assert Delay
(PM_SCXD)
Working
00000000h
Page 490
1Ch
R/W
32
PM Sleep Control Y De-assert Delay
(PM_SCYD)
Working
00000000h
Page 491
20h
R/W
32
PM PCI and IDE Input Sleep Control
(PM_IN_SLPCTL)
Working
00000000h
Page 492
24h-2Ch
R/W
32
PM Reserved (PM_RSVD) (Reads as
0.)
No f/flops
00000000h
---
30h
R/W
32
PM Working De-assert Delay and
Enable (PM_WKD)
Standby
00000000h
Page 492
34h
R/W
32
PM Working Auxiliary De-assert
Delay and Enable (PM_WKXD)
Standby
00000000h
Page 493
38h
R/W
32
PM De-assert Reset Delay from
Standby (PM_RD)
Standby
40000100h
Page 494
3Ch
R/W
32
PM Working Auxiliary Assert Delay
from Standby Wakeup (PM_WKXA)
Standby
00000000h
Page 495
40h
R/W
32
PM Fail-Safe Delay and Enable
(PM_FSD)
Standby
00000000h
Page 495
44h
R/W
32
PM Thermal-Safe Delay and Enable
(PM_TSD)
Standby
00000000h
Page 496
48h
R/W
32
PM Power-Safe Delay and Enable
(PM_PSD)
Standby
00000000h
Page 497
4Ch
R/W
32
PM Normal Work Delay and Enable
(PM_NWKD)
Standby
00000000h
Page 498
50h
R/W
32
PM Abnormal Work Delay and Enable
(PM_AWKD)
Standby
00000000h
Page 499
54h
R/W
32
PM Standby Status and Control
(PM_SSC)
Standby
00000001h
Page 499
58h-7Fh
R/W
32
PM Reserved (PM_RSVD) (Reads as
0.)
No f/flops
00000000h
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com