Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 479 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 479 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 475Page - National Semiconductor (TI) CS5535 Datasheet HTML 476Page - National Semiconductor (TI) CS5535 Datasheet HTML 477Page - National Semiconductor (TI) CS5535 Datasheet HTML 478Page - National Semiconductor (TI) CS5535 Datasheet HTML 479Page - National Semiconductor (TI) CS5535 Datasheet HTML 480Page - National Semiconductor (TI) CS5535 Datasheet HTML 481Page - National Semiconductor (TI) CS5535 Datasheet HTML 482Page - National Semiconductor (TI) CS5535 Datasheet HTML 483Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 555 page
background image
Revision 0.8
479
www.national.com
PMC Register Descriptions (Continued)
5.18.1 PMC Specific MSRs
5.18.1.1
PMC Logic Timer (PMC_LTMR)
5.18.1.2
PMC Reserved (PMC_RSVD)
5.18.2 ACPI Registers
5.18.2.1
PM Status 1 (PM1_STS)
PM1_STS is the Status register for Timer Carry, Button, and RTC Alarm wakeup events. All bits in this register are cleared
by the Standby state except bits 15, 10, and 8. They maintain their state through Standby.
MSR Address
51400050h
Type
R/W
Reset Value
00000000h
PMC_LTMR Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
MSR_PML_TMR
PMC_LTMR Bit Descriptions
Bit
Name
Description
31:0
MSR_PML_TMR
Legacy Power Management Timer. 32-Bit write / read of timer counter.
Writes initialize the counter value; reads return current timer counter value.
MSR Address
51400051h
Type
R/W
Reset Value
00000000h
PMC_RSVD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
PMC_RSVD
MSR_PML_RSVD Bit Descriptions
Bit
Name
Description
31:0
PMC_RSVD
Reserved. This is a reserved register and should not be accessed by user software.
By convention write 0, but other values are “don’t care”. Reads always return 0.
ACPI I/O Offset
00h
Type
R/W
Reset Value
0000h
PM1_STS Register Map
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WAK_
FLAG
RSVD
IGNORE RTC_
FLAG
SLPBTN
_FLAG
PWRBTN
_FLAG
RSVD
GBL_
FLAG
BM_
FLAG
RSVD
TMR_
FLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com