Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 487 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 487 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 483Page - National Semiconductor (TI) CS5535 Datasheet HTML 484Page - National Semiconductor (TI) CS5535 Datasheet HTML 485Page - National Semiconductor (TI) CS5535 Datasheet HTML 486Page - National Semiconductor (TI) CS5535 Datasheet HTML 487Page - National Semiconductor (TI) CS5535 Datasheet HTML 488Page - National Semiconductor (TI) CS5535 Datasheet HTML 489Page - National Semiconductor (TI) CS5535 Datasheet HTML 490Page - National Semiconductor (TI) CS5535 Datasheet HTML 491Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 555 page
background image
Revision 0.8
487
www.national.com
PMC Register Descriptions (Continued)
5.18.3 PM Support Registers
The registers listed in this sub-section are not ACPI registers, but are used to support power management implementation.
5.18.3.1
PM Sleep Start Delay (PM_SSD)
5.18.3.2
PM Sleep Control X Assert Delay and Enable (PM_SCXA)
Reads always return the value written.
PMS I/O Offset
00h
Type
R/W
Reset Value
0000h
PM_SSD Register Map
15
14
13
12
11
10
987
6543
210
RSVD
SLP_DELAY
PM_SSD Bit Descriptions
Bit
Name
Description
15
SLP_EN_INDIC
Sleep Enable Indicator. If SLP_EN (ACPI I/O Offset 08h[13]) was written to a 1, then
this bit reads high. If this bit is written to a 1, the Sleep sequence is aborted. Writing a 0
to this bit has no effect. This bit always clears on a Sleep or Standby wakeup.
14
RSVD
Reserved. By convention write 0. Reads return value written.
13
SLP_WRT_EN
Sleep Write Enable. Must be high in order to change bits 12 and [11:0]
(SLP_DELAY_EN and SLP_DELAY). Reads of this bit always return 0.
12
SLP_DELAY_EN
Sleep Delay Enable. Must be high to enable the delay specified in bits [11:0]
(SLP_DELAY). Reads return value written.
11:0
SLP_DELAY
Sleep Delay. Indicates the number of 3.57954 MHz clock edges to wait before begin-
ning the Sleep or Standby process as defined by SLP_EN (ACPI I/O Offset 08h[13]).
Bit 12 (SLP_DELAY_EN) must be high to enable this delay. Reads return the value writ-
ten.
PMS I/O Offset
04h
Type
R/W
Reset Value
00000000h
PM_SCXA Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
SLPX_DELAY
PM_SCXA Bit Descriptions
Bit
Name
Description
31
RSVD
Reserved. By convention write 0, but may write anything.
30
SLPX_EN
Sleep X Assert and Delay Enable. Must be high to assert the SLEEP_X ball and to
enable its assert delay specified in bits [29:0] (SLPX_DELAY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com