Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 491 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 491 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 487Page - National Semiconductor (TI) CS5535 Datasheet HTML 488Page - National Semiconductor (TI) CS5535 Datasheet HTML 489Page - National Semiconductor (TI) CS5535 Datasheet HTML 490Page - National Semiconductor (TI) CS5535 Datasheet HTML 491Page - National Semiconductor (TI) CS5535 Datasheet HTML 492Page - National Semiconductor (TI) CS5535 Datasheet HTML 493Page - National Semiconductor (TI) CS5535 Datasheet HTML 494Page - National Semiconductor (TI) CS5535 Datasheet HTML 495Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 555 page
background image
Revision 0.8
491
www.national.com
PMC Register Descriptions (Continued)
5.18.3.8
PM Sleep Control Y De-assert Delay (PM_SCYD)
Reads always return the value written.
29:0
SLPX_END_
DELAY
Sleep X De-assert Delay. Indicates the number of 3.57954 MHz clock edges to wait
from Sleep wakeup before de-asserting the SLEEP_X ball. Bit 30 (SLPX_END_EN)
must be high to enable this delay.
If PCI_IDE_IN_SLP is not enabled (PMS I/O Offset 20h[30] = 0) or is less than the
SLPX_END_DELAY, SLEEP_X de-asserts at the same time the PCI/IDE inputs are re-
enabled.
PMS I/O Offset
1Ch
Type
R/W
Reset Value
00000000h
PM_SCYD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
SLPY_END_DELAY
PM_SCYD Bit Descriptions
Bit
Name
Description
31
RSVD
Reserved. By convention write 0, but may write anything.
30
SLPY_END_EN
Sleep Y De-assert and Delay Enable. Must be high to de-assert SLEEP_Y and
enable the delay specified in bits [29:0] (SLPY_END_DELAY).
29:0
SLPY_END_
DELAY
Sleep Control Y De-assert Delay. Indicates the number of 3.57954 MHz clock edges
to wait from Sleep wakeup before de-asserting the SLEEP_Y ball. Bit 30
(SLPY_END_EN) must be high to enable this delay.
If PCI_IDE_IN_SLP is not enabled (PMS I/O Offset 20h[30] = 0) or is less than the
SLPY_END_DELAY, SLEEP_Y de-asserts at the same time the PCI/IDE inputs are re-
enabled.
PM_SCXD Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com