Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 493 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 493 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 489Page - National Semiconductor (TI) CS5535 Datasheet HTML 490Page - National Semiconductor (TI) CS5535 Datasheet HTML 491Page - National Semiconductor (TI) CS5535 Datasheet HTML 492Page - National Semiconductor (TI) CS5535 Datasheet HTML 493Page - National Semiconductor (TI) CS5535 Datasheet HTML 494Page - National Semiconductor (TI) CS5535 Datasheet HTML 495Page - National Semiconductor (TI) CS5535 Datasheet HTML 496Page - National Semiconductor (TI) CS5535 Datasheet HTML 497Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 555 page
background image
Revision 0.8
493
www.national.com
PMC Register Descriptions (Continued)
5.18.3.11 PM Working Auxiliary De-assert Delay and Enable (PM_WKXD)
Reads always return the value written, except for RSVD bits [29:20].
PM_WKD Bit Descriptions
Bit
Name
Description
31
RSVD
Reserved. By convention write 0, but may write anything.
30
WORKING_
DEASSERT_EN
Working De-assert and Delay Enable. Must be high to de-assert the WORKING out-
put and to enable its delay specified in bits [19:0] (WORKING_DEASSERT_DELAY).
Use of this control implies a system sequence into the Standby state. The PMC dis-
ables its interfaces to non-Standby portions of the component and only considers
wakeup events from Standby circuits. The PMC also immediately asserts system reset
when SLP_CLK_EN# is asserted regardless of the value of
WORKING_DEASSERT_DELAY (bits [19:0]). Reset remains asserted throughout the
Standby state.
There is NOT an assert delay. The wakeup event causes the WORKING output to
assert. This event is called Standby wakeup.
On wakeup, Reset will continue to be applied to all non-Standby circuits for the length
of time specified in the RESET_DELAY (PMS I/O Offset 38h[19:0]).
Enabling this function and/or the function in PM_WKXD (PMS I/O Offset 34h[30] = 1)
causes the same Standby state events. Standby state is not entered unless
SLP_CLK_EN# is asserted.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
19:0
WORKING_
DEASSERT_
DELAY
Working De-assert Delay. Indicates the number of 32 kHz clock edges to wait from the
assertion of SLP_CLK_EN# before de-asserting the WORKING output. Bit 30
(WORKING_DEASSERT_EN) must be high to enable this delay.
PMS I/O Offset
34h
Type
R/W
Reset Value
00000000h
PM_WKXD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
WORK_AUX_DEASSERT_DELAY
PM_WKXD Bit Descriptions
Bit
Name
Description
31
RSVD
Reserved. By convention write 0, but may write anything.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com