Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 497 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 497 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 493Page - National Semiconductor (TI) CS5535 Datasheet HTML 494Page - National Semiconductor (TI) CS5535 Datasheet HTML 495Page - National Semiconductor (TI) CS5535 Datasheet HTML 496Page - National Semiconductor (TI) CS5535 Datasheet HTML 497Page - National Semiconductor (TI) CS5535 Datasheet HTML 498Page - National Semiconductor (TI) CS5535 Datasheet HTML 499Page - National Semiconductor (TI) CS5535 Datasheet HTML 500Page - National Semiconductor (TI) CS5535 Datasheet HTML 501Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 555 page
background image
Revision 0.8
497
www.national.com
PMC Register Descriptions (Continued)
5.18.3.16 PM Power-Safe Delay and Enable (PM_PSD)
Reads always return the value written, except for RSVD bits [29:20].
19:0
THRM_DELAY
Thermal Delay. If the Thermal Alarm (THRM_ALRM#) input signal is asserted for
THRM_DELAY number of 32 kHz clock edges, then unconditionally de-assert WORK-
ING and WORK_AUX to remove Working power. If THRM_ALRM# is still asserted at
wakeup, hold in Standby state until THRM_ALRM# is de-asserted.
THRM_ALRM# needs to be asserted for at least one 32 kHz clock edge for this func-
tion to work properly. A less than one 32 kHz clock edge pulse on THRM_ALRM# may
not be registered.
The delay restarts if THRM_ALRM# de-asserts and then asserts again. If
THRM_ALRM# is asserted, the delay restarts anytime THRM_DELAY (this bit) is writ-
ten.
Since the thermal alarm resides in the Working domain, the THRM_ALRM# input signal
is blocked (de-asserted) when in Standby state. The result is the Standby state could
not be held if the thermal alarm is still asserted at wakeup. Once out of Standby, the
thermal alarm again comes into play. If it is still asserted, its timer would start again.
PMS I/O Offset
48h
Type
R/W
Reset Value
00000000h
PM_PSD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
LOWBAT_DELAY
PM_PSD Bit Descriptions
Bit
Name
Description
31
LOWBAT_LOCK
Low Battery Lock. After this bit is set, the value in this register can not be changed
until RESET_STAND# is applied.
30
LOWBAT_EN
Low Battery Enable. Must be high to enable this function.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
19:0
LOWBAT_DELAY
Low Battery Delay. If the Low Battery input LOW_BAT# (GPIO25) is asserted for
LOWBAT_DELAY number of 32 kHz clock edges, then unconditionally de-assert
WORKING and WORK_AUX to remove Working power. If LOW_BAT# is still asserted
at wakeup, hold in Standby state until LOW_BAT# is de-asserted.
LOW_BAT# needs to be asserted for at least one 32 kHz clock edge for this function to
work properly. A less than one 32 kHz clock edge pulse on the LOW_BAT# input may
not be registered.
The delay restarts if LOW_BAT# de-asserts and then asserts again. If LOW_BAT# is
already asserted, the delay restarts anytime LOWBAT_DELAY (this field) is written.
PM_TSD Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com