Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 501 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 501 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 497Page - National Semiconductor (TI) CS5535 Datasheet HTML 498Page - National Semiconductor (TI) CS5535 Datasheet HTML 499Page - National Semiconductor (TI) CS5535 Datasheet HTML 500Page - National Semiconductor (TI) CS5535 Datasheet HTML 501Page - National Semiconductor (TI) CS5535 Datasheet HTML 502Page - National Semiconductor (TI) CS5535 Datasheet HTML 503Page - National Semiconductor (TI) CS5535 Datasheet HTML 504Page - National Semiconductor (TI) CS5535 Datasheet HTML 505Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 555 page
background image
Revision 0.8
501
www.national.com
5.19 FLASH CONTROLLER REGISTER DESCRIPTIONS
The registers for the Flash Controller are divided into three
sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• Flash Controller Specific MSRs
• Flash Controller Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, the Flash Controller Spe-
cific MSRs (summarized in Table 5-69) are called out as 32
bits. The Flash Controller treats writes to the upper 32 bits
(i.e., bits [63:32]) of the 64-bit MSRs as don’t cares and
always returns 0 on these bits.
The Native registers associated with the Flash Controller
are NAND configuration registers, summarized in Table 5-
70. The NAND native registers are 4-kbyte memory
mapped or 16-byte I/O mapped. The base address is
defined by LBAR in Diverse Device and can be located at
any 4-kbyte boundaries if it is memory mapped, any 16-
byte boundary if it is I/O mapped. The NAND Flash Con-
troller is a 32-bit wide device present in Diverse Device
without burst capability. To access the MSR registers in the
NAND Flash Controller, a 32-bit wide bus is used as the
LBus interface. For NAND Command/Address, data write
and read modes, the NAND Flash Controller provides the
valid data on the least significant nibbles of the LBus data
ports.
There are no NOR control registers located in I/O or mem-
ory space. All NOR timing control functions are located in
the Flash Specific MSRs. Additionally, the Diverse Device
LBAR MSRs associates up to four chip selects for four
Flash devices (see Section 5.6.2.9 "Local BAR - Flash Chip
Select (DIVIL_LBAR_FLSH[x])" on page 313 bit details).
• MSR_LBAR_FLSH0 (MSR 51400010h) for use with
FLASH_CS0#.
• MSR_LBAR_FLSH1 (MSR 51400011h) for use with
FLASH_CS1#.
• MSR_LBAR_FLSH2 (MSR 51400012h) for use with
FLASH_CS2#.
• MSR_LBAR_FLSH3 (MSR 51400013h) for use with
FLASH_CS3#.
After the MSR setup is complete, a NOR Flash device can
be associated with a block of system memory using up to
28 address bits (A[27:0]).
The reference column in the summary tables point to the
page where the register maps and bit descriptions are
listed.
Table 5-69. Flash Controller Specific MSRs Summary
MSR
Address
Type
Register Name
Reset
Value
Reference
51400018h
R/W
NOR Flash Control (NORF_CTL)
00000000h
Page 502
51400019h
R/W
NOR Flash Timing for Chip Selects 0 and 1 (NORTF_T01)
07770777h
Page 504
5140001Ah
R/W
NOR Flash Timing for Chip Selects 2 and 3 (NORTF_T23)
07770777h
Page 505
5140001Bh
R/W
NAND Flash Data Timing MSR (NANDF_DATA)
07770777h
Page 505
5140001Ch
R/W
NAND Flash Control Timing (NANDF_CTL)
00000777h
Page 505
5140001Dh
R/W
Flash Reserved (NANDF_RSVD)
00000000h
Page 505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com