Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 504 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 504 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 500Page - National Semiconductor (TI) CS5535 Datasheet HTML 501Page - National Semiconductor (TI) CS5535 Datasheet HTML 502Page - National Semiconductor (TI) CS5535 Datasheet HTML 503Page - National Semiconductor (TI) CS5535 Datasheet HTML 504Page - National Semiconductor (TI) CS5535 Datasheet HTML 505Page - National Semiconductor (TI) CS5535 Datasheet HTML 506Page - National Semiconductor (TI) CS5535 Datasheet HTML 507Page - National Semiconductor (TI) CS5535 Datasheet HTML 508Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 555 page
background image
www.national.com
504
Revision 0.8
Flash Controller Register Descriptions (Continued)
5.19.1.2 NOR Flash Timing MSRs
The NOR Flash controller is used for NOR Flash or GPCS. The timing is different from device to device, so separate timing
registers are used for each device.
NOR Flash Timing for Chip Selects 0 and 1 (NORTF_T01)
MSR Address
51400019h
Type
R/W
Reset Value
07770777h
NORTF_T01 Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
tH1
tP1
tS1
RSVD
tH0
tP0
tS0
NORTF_T01 Bit Descriptions
Bit
Name
Description
31:27
RSVD
Reserved. Reads return value written.
26:24
Th1 (Note 1)
Note 1. The valid range for the count values of setup time, and hold time in NOR MSR registers is 1 through 7 (Local Bus
clock cycles or LPC clock cycles) when a General Purpose device is used (with NOR Controller). If signal
FLASH_IOCHRDY is not used by the General Purpose device, then the valid range for the count value of pulse
width in NOR MSR registers is 1 through 7 (Local Bus clock cycles or LPC clock cycles). If FLASH_IOCHRDY is
used by the General Purpose device, then the valid range for the count value of pulse width in NOR MSR registers
is 2 through 7 (Local Bus clock cycles or LPC clock cycles). In the case of NOR devices, as NOR Controller doesn’t
support the use of FLASH_IOCHRDY (explained in Section 4.18.2 "NOR Flash Controller/General Purpose Chip
Select" on page 171),the valid range for the count values of setup time, pulse width, and hold time in NOR MSR
registers is 1 through 7 (Local Bus clock cycles or LPC clock cycles).In the case of NOR Controller’s WE# and RE#
strobe pulse widths, if NOR Control MSR register bits[7:4] (CHKRDY[3:0]) are enabled (active high) in the case of
General Purpose devices then the generated pulse widths will be longer than programmed count value. If setup or
hold time in NOR MSR registers is programmed as 0, then the NOR Controller’s WE# and RE# generation will use
16 as the count value of NOR setup or hold time.
Hold Time for NOR Chip Select 1. Hold from WE# or RE# rising edge to chip select.
Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
23
RSVD
Reserved. Reads return value written
22:20
Tp1
Strobe Pulse Width for NOR Chip Select 1. RE# and WE# strobe pulse width. At the end
of the Tp, sample the IOCHRDY pin to see if a wait state is needed. Refer to Figure 4-58
"NOR Flash with Wait States Timing" on page 173.
19
RSVD
Reserved. Reads return value written.
18:16
Ts1 (Note 1)
Setup Time for NOR Chip Select 1. Chip select to WE# or RE# falling edge setup time.
Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
15:11
RSVD
Reserved. Reads return value written.
10:8
Th0 (Note 1)
Hold time for NOR Chip Select 0. Hold from WE# or RE# rising edge to chip select. Refer
to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
7
RSVD
Reserved. Reads return value written.
6:4
Tp0
Strobe Pulse Width for NOR Chip Select 0. RE# and WE# strobe pulse width. At the end
of the Tp, sample the IOCHRDY pin to see if a wait state is needed. Refer to Figure 4-58
"NOR Flash with Wait States Timing" on page 173.
3
RSVD
Reserved. Reads return value written.
2:0
Ts0 (Note 1)
Setup Time for NOR Chip Select 0. Chip select to WE# or RE# falling edge setup time.
Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com