Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 506 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 506 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 502Page - National Semiconductor (TI) CS5535 Datasheet HTML 503Page - National Semiconductor (TI) CS5535 Datasheet HTML 504Page - National Semiconductor (TI) CS5535 Datasheet HTML 505Page - National Semiconductor (TI) CS5535 Datasheet HTML 506Page - National Semiconductor (TI) CS5535 Datasheet HTML 507Page - National Semiconductor (TI) CS5535 Datasheet HTML 508Page - National Semiconductor (TI) CS5535 Datasheet HTML 509Page - National Semiconductor (TI) CS5535 Datasheet HTML 510Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 555 page
background image
www.national.com
506
Revision 0.8
Flash Controller Register Descriptions (Continued)
the valid range for the count values of pulse width in NAND MSRs is 1 through 7 Local Bus clock (‘lb_c’) cycles or LPC
clock (‘lpc_c’) cycles.
5.19.1.4
NAND Flash Control Timing (NANDF_CTL)
NANDF_DATA Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
tRH
tRP
tRS
RSVD
tWH
tWP
tWS
NANDF_DATA Bit Descriptions
Bit
Name
Description
31:27
RSVD
Reserved. Reads return value written.
26:24
tRH
Data Read Hold Time. This timing is just for internal state machine; no external refer-
ence point. Can be set to 0 if the hold time is not needed. Range = 0h to 7h. Refer to
Figure 4-61 "NAND Data Timing with Wait States" on page 175.
23
RSVD
Reserved. Reads return value written.
22:20
tRP
Data Read Pulse Width. The RE# active pulse width in data read phase. Range = 1h
to 7h. Refer to Figure 4-61 "NAND Data Timing with Wait States" on page 175.
19
RSVD
Reserved. Reads return value written.
18:16
tRS
Data Read Setup Time. This timing is just for internal state machine; no external refer-
ence point. Can be set to 0 if the setup time is not needed. Range = 0h to 7h. Refer to
Figure 4-61 "NAND Data Timing with Wait States" on page 175.
15:11
RSVD
Reserved. Reads return value written.
10:8
tWH
Data Write Hold Time. The hold time from WE# rising edge to I/O bus is turned off.
Range = 0h to 7h. Refer to Figure 4-61 "NAND Data Timing with Wait States" on page
175.
7
RSVD
Reserved. Reads return value written.
6:4
tWP
Data Write Pulse Width. The WE# active pulse width in data write phase. Note that
the data byte is put on the I/O bus at the same time the WE# is asserted. Range = 1h to
7h. Refer to Figure 4-61 "NAND Data Timing with Wait States" on page 175.
3
RSVD
Reserved. Reads return value written.
2:0
tWS
Data Write Setup Time. This timing is just for internal state machine; no external refer-
ence point. Can be set to 0 if the setup time is not needed. Range = 0h to 7h. Refer to
Figure 4-61 "NAND Data Timing with Wait States" on page 175.
MSR Address
5140001Ch
Type
R/W
Reset Value
00000777h
NANDF_CTL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
tCH
RS
VD
tCP
RS
VD
tCS
NANDF_CTL Bit Descriptions
Bit
Name
Description
31:11
RSVD
Reserved. Reads return value written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com