Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 507 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 507 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 503Page - National Semiconductor (TI) CS5535 Datasheet HTML 504Page - National Semiconductor (TI) CS5535 Datasheet HTML 505Page - National Semiconductor (TI) CS5535 Datasheet HTML 506Page - National Semiconductor (TI) CS5535 Datasheet HTML 507Page - National Semiconductor (TI) CS5535 Datasheet HTML 508Page - National Semiconductor (TI) CS5535 Datasheet HTML 509Page - National Semiconductor (TI) CS5535 Datasheet HTML 510Page - National Semiconductor (TI) CS5535 Datasheet HTML 511Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 555 page
background image
Revision 0.8
507
www.national.com
Flash Controller Register Descriptions (Continued)
5.19.1.5
Flash Reserved (NANDF_RSVD)
This register is reserved. Reads return 0. Writes have no effect.
5.19.2 Flash Controller Native Registers
5.19.2.1
NAND Device Data (NAND_DATA)
Reading or writing to this range accesses the same NAND Device Data.
10:8
tCH
Control Hold Time. The hold time from the rising edge of WE# to the toggle of control
signals. Note that the I/O bus is turned off when the tCH expires. Range = 0h to 7h.
Refer to Figure 4-59 "NAND Flash Command/Address Timing" on page 174.
7
RSVD
Reserved. Reads return value written.
6:4
tCP
Control Pulse Width. The WE# active pulse width in command/address phase. Note
that the command/address byte is put on the I/O bus at the same time that the WE# is
asserted. Range = 1h to 7h. Refer to Figure 4-59 "NAND Flash Command/Address
Timing" on page 174.
3
RSVD
Reserved. Reads return value written.
2:0
tCS
Control Setup Time. The setup time from the toggle of the control signals to the WE#
falling edge. Range = 0h to 7h. Refer to Figure 4-59 "NAND Flash Command/Address
Timing" on page 174.
MSR Address
5140001Dh
Type
R/W
Reset Value
00000000h
Flash Memory Offset 000h-7FFh
Flash I/O Offset
00h-03h
Type
R/W
Reset Value
Undefined
NAND_DATA Register Map
76543
210
DATA
NAND_DATA Bit Descriptions
Bit
Name
Description
7:0
DATA
NAND Device Data. No default value. This address space is not to be read from
until
data is read from the NAND Flash device. The system will hang if a read is done from
this address space without a prior read from NAND Flash device.
NANDF_CTL Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com