Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 500 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 500 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 496Page - National Semiconductor (TI) CS5535 Datasheet HTML 497Page - National Semiconductor (TI) CS5535 Datasheet HTML 498Page - National Semiconductor (TI) CS5535 Datasheet HTML 499Page - National Semiconductor (TI) CS5535 Datasheet HTML 500Page - National Semiconductor (TI) CS5535 Datasheet HTML 501Page - National Semiconductor (TI) CS5535 Datasheet HTML 502Page - National Semiconductor (TI) CS5535 Datasheet HTML 503Page - National Semiconductor (TI) CS5535 Datasheet HTML 504Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 555 page
background image
www.national.com
500
Revision 0.8
PMC Register Descriptions (Continued)
15:13
RSVD
Reserved. Reads return 0; writes are don’t care.
12
BADPACK_
RST_FLAG
Bad Packet Reset Flag. If set, indicates that the last Standby state was entered from
bad packet type reset. Returns to Working state when Abnormal Work Delay expires.
(Note 1)
11
GLCP_SFT_
RST_FLAG
GLCP Soft Reset Flag. If set, indicates that the last Standby state was entered from a
GLCP soft reset. Returns to Working State when Abnormal Work Delay expires. (Note
1)
10
WATCHDOG_
RST_FLAG
Watchdog Reset Flag. If set, indicates that the last Standby state was entered from a
Watchdog reset. Returns to Working state when Abnormal Work Delay expires. (Note
1)
9
SHTDWN_RST_
FLAG
Shutdown Reset Flag. If set, indicates that the last Standby state was entered from
shutdown reset. Returns to Working state when Abnormal Work Delay expires. (Note 1)
8SFT_RST_
FLAG
Soft Reset Flag. If set, indicates that the last Standby state was entered from a soft-
ware reset. Returns to Working state when Abnormal Work Delay expires. (Note 1)
7
RSVD
Reserved. Reads return 0; writes are don’t care.
6
HRD_RST_FLAG
Hard Reset Flag. If set, indicates that the last Standby state was entered due to the
unexpected assertion of Working reset. Returns to Working state when hard reset is
de-asserted and Abnormal Work Delay expires. (Note 1)
5
LOWBAT_FLAG
Low Battery Flag. If set, indicates that the last Standby state was entered due to a low
power shutdown. Returns to Working state due to default wakeup. (Note 1)
4THRM_FLAG
Thermal Flag. If set, indicates that the last Standby state was entered due to a thermal
shutdown. Returns to Working state due to default wakeup. (Note 1)
3PWRBTN_FLAG
Power Button Flag. If set, indicates that the last Standby state was entered via a fail-
safe power off sequence. User held down the power button. PM1_CNT was not used.
Returns to Working state due to default wakeup. (Note 1)
2
LVD_FLAG
Working Power Fail. If set, indicates that the last Standby state was entered via an
unexpected loss of Working power as detected with the on-chip Low Voltage Detect cir-
cuit. Returns to Working state due to default wakeup. (Note 1)
1NORM_FLAG
Normal Flag. If set, indicates that the last Standby state was entered under program
control through use of PM1_CNT. Returns to Working state due to programmed
wakeup. See PM1_STS (ACPI I/O Offset 00h) and PM_GPE0_STS (ACPI I/O Offset
18h) for wakeup source. (Note 1)
0
OFF_FLAG
Off Flag (No Previous). If set, indicates that the circuits of the Standby power domain
have been reset. Entry was from the Power Off state. Returns to Working state due to
default wakeup. (Note 1)
Note 1. Standby Status. These bits are cleared each time the Power Management Logic enters the Standby state except
for the bit that caused the entry. Write 1 to the bit to clear the bit; writing 0 has no effect. Bits [12:8,6] do not result
in WORKING or WORK_AUX being de-asserted.
PM_SSC Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com