Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 498 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 498 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 494Page - National Semiconductor (TI) CS5535 Datasheet HTML 495Page - National Semiconductor (TI) CS5535 Datasheet HTML 496Page - National Semiconductor (TI) CS5535 Datasheet HTML 497Page - National Semiconductor (TI) CS5535 Datasheet HTML 498Page - National Semiconductor (TI) CS5535 Datasheet HTML 499Page - National Semiconductor (TI) CS5535 Datasheet HTML 500Page - National Semiconductor (TI) CS5535 Datasheet HTML 501Page - National Semiconductor (TI) CS5535 Datasheet HTML 502Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 555 page
background image
www.national.com
498
Revision 0.8
PMC Register Descriptions (Continued)
5.18.3.17 PM Normal Work Delay and Enable (PM_NWKD)
Reads always return the value written, except for RSVD bits [29:20]. This register applies to Normal Standby state entry.
PMS I/O Offset
4Ch
Type
R/W
Reset Value
00000000h
PM_NWKD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
NWKD_DELAY
PM_NWKD Bit Descriptions
Bit
Name
Description
31
NWKD_LOCK
Normal Work Delay Lock. After this bit is set, the value in this register can not be
changed until RESET_STAND# is applied.
30
NWKD_EN
Normal Work Delay Enable. Must be high to enable this function.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
19:0
NWKD_DELAY
Normal Work Delay Delay. If the Standby state is entered normally, NWKD_DELAY
number of 32 kHz clock edges must pass before the Working state is allowed to be
entered again, that is, a Standby Wakeup recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com